Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51928 Fiches technique(PDF) 1 Page - Cyrustek corporation

No de pièce ES51928
Description  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51928 Fiches technique(HTML) 1 Page - Cyrustek corporation

  ES51928 Datasheet HTML 1Page - Cyrustek corporation ES51928 Datasheet HTML 2Page - Cyrustek corporation ES51928 Datasheet HTML 3Page - Cyrustek corporation ES51928 Datasheet HTML 4Page - Cyrustek corporation ES51928 Datasheet HTML 5Page - Cyrustek corporation ES51928 Datasheet HTML 6Page - Cyrustek corporation ES51928 Datasheet HTML 7Page - Cyrustek corporation ES51928 Datasheet HTML 8Page - Cyrustek corporation ES51928 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Ver 2.9
1
10/06/25
ES51928
6000 Counts Smart DMM
Features
6000 counts LCD display
3V DC power supply
Conversion rate: 3 times/s (voltage mode)
Full automatic measurement:
*Voltage/Current: AC/DC auto scanning
& auto range: 6.000V~1000V
*Resistance/Diode/Capacitance(RDC scan)
(Taiwan patent no.: 326361)
Auto scanning & auto range:
Resistance: 600.0Ω~6.000MΩ
Capacitance: 6.000nF~600.0uF
(Taiwan patent no.: 323347,453443)
Push functions
Function selection by single key
Range change function
Hold function
MAX/MIN function
VAHZ function
Back light function
Support non-contact voltage detection
High voltage (> 30V) indication of LCD
display for voltage measurement
Built-in HCF(high crest factor detection)
function in AC mode
(Taiwan patent no.: 234661)
OL level selection (600V/1000V/1500V)
Band-gap reference voltage output
Auto power off (3min. or 10min.) &
re-power on
Sleep output indication
On-chip buzzer driver
Low battery detection
Application
Smart digital multi-meter
Smart clamp meter
General description
ES51928 is an integrated ADC with 6000 counts
LCD display driver. It could support fully
automatic DMM function measurement. In
voltage or current mode, the AC or DC signals
auto scanning. In R/D/C (passive component)
mode,
resistance
(including
continuity),
capacitance or diode measurements are allowed
by fully automatic detection. A single key and
simple switch could select all measurements.
Expensive and bulky mechanical range switches
are not required. A non-contact electric field
detector (EF mode) is built-in for ac voltage
measurement also. Other features including
range control, data hold, max/min hold, VAHz
and back light function are available. For power
saving, an auto power off & re-power on scheme
are built-in. A sleep output is the indication of
entering auto power off mode.


Numéro de pièce similaire - ES51928

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
More results

Description similaire - ES51928

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com