Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51928 Fiches technique(PDF) 8 Page - Cyrustek corporation

No de pièce ES51928
Description  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51928 Fiches technique(HTML) 8 Page - Cyrustek corporation

Back Button ES51928_10 Datasheet HTML 4Page - Cyrustek corporation ES51928_10 Datasheet HTML 5Page - Cyrustek corporation ES51928_10 Datasheet HTML 6Page - Cyrustek corporation ES51928_10 Datasheet HTML 7Page - Cyrustek corporation ES51928_10 Datasheet HTML 8Page - Cyrustek corporation ES51928_10 Datasheet HTML 9Page - Cyrustek corporation ES51928_10 Datasheet HTML 10Page - Cyrustek corporation ES51928_10 Datasheet HTML 11Page - Cyrustek corporation ES51928_10 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ver 2.9
8
10/06/25
ES51928
6000 Counts Smart DMM
1.2.1 For multi-meter application
ES51928 has 2 automatic and 1 manual current measurement modes for
multi-meter. The following table summarizes the full-scale range of each mode.
When ES51928 operates in the current measurement modes for multi-meter, it
takes high input from pin IVSH or IVSL, low input from pin SGND and
reference voltage from pin VR.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
600.0µA / 6000µA
IVSL/IVSH V.S. SGND
300.0mV
Automatic2
60.00mA / 600.0mA
IVSL/IVSH V.S. SGND
300.0mV
Manual
60.00A
IVSH V.S. SGND
300.0mV
1.2.2 For clamp meter application
ES51928 has 2 automatic and 4 manual current measurement modes for Clamp
meter. The following table summarizes the full-scale range of each mode. When
ES51928 operate in the automatic mode1&2, it takes high input from
IVSH/IVSL (higher range/lower range), low input from SGND and reference
voltage from VR. When ES51928 operate in the manual mode1~4, it takes high
input from ADP, low input from SGND and reference voltage from VA+ & VA-.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
600.0A / 6000A
IVSL/IVSH V.S. SGND
600.0mV
Automatic2
60.00A / 600.0A
IVSL/IVSH V.S. SGND
600.0mV
Manual1
6.000A
ADP V.S. SGND
600.0mV
Manual2
60.00A
ADP V.S. SGND
600.0mV
Manual3
600.0A
ADP V.S. SGND
600.0mV
Manual4
6000A
ADP V.S. SGND
600.0mV
1.3 Resistance Measurement


Numéro de pièce similaire - ES51928_10

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
More results

Description similaire - ES51928_10

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com