Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM60520-4 Fiches technique(PDF) 11 Page - Molex Electronics Ltd.

No de pièce AM60520-4
Description  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

AM60520-4 Fiches technique(HTML) 11 Page - Molex Electronics Ltd.

Back Button AM60520-4 Datasheet HTML 7Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 8Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 9Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 10Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 11Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 12Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 13Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 14Page - Molex Electronics Ltd. AM60520-4 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 11 of 39
Revision: D
Revision Date: 03-03-11
Figure 2-6
TERMINAL
WIRE
WIRE STOP
Figure 2-7
3. Be sure all guards are in place. Both the
operator and bystanders must wear approved
safety glasses when terminator is in operation.
NEVER operate this terminator without guards in
place.
4. Make sure the unit is plugged into a grounded
outlet. Check the connection at both ends of the
power cord. Also check that the power cord is
not damaged or in danger of being damaged.
5. Check that the terminator position is suitable for
the operator’s size. The foot pedal should be
positioned for ease of use. A stool or chair with
adjustable height and backrest should be
provided for maximum comfort and back support
to the operator.
The machine should be located parallel and
approximately 150mm (6 in) from the edge of
the table. A chair or stool, with adjustable height
and back rest, should be provided for maximum
comfort and back support for the operator.
6. Be sure all setup procedures were followed and
that terminations are within specifications. See
Appendix A for termination specifications.
2.8
Operation
1. Set housing and shuttle stops and circuit
counter as described in Sections 2.2 and 2.6.
2. Turn air "on" and push reset button to reset
nest to the #1 position.
3. Load a tube of connectors with the terminals up
and forward.
4. To start cycle, pull connector shift nest knob
forward.
5. When the connector is in the shift nest, push
the shift nest knob all the way "in". This will
load the connector into the nest, ready for
termination. If a connector is already in the nest
it will automatically cycle through the insertion
cycle and be ready for removal.
6. To load wires, insert appropriate wire under
termination punches until it stops. The wire
must be perpendicular to the face of the tooling
and not angled up or down. See Figure 2-7 and
2-8 for correct position. When the wire is in the
correct position, press the foot switch
7. Repeat operation until connector is complete.
Machine will automatically reset and loaded
connector is ready for removal.
8. Repeat Steps 4 and 5 then remove connector
by pulling the wires briskly to the left.
9. Repeat steps 6 through 8 until tube is empty or
the run is complete.
NOTE: The machine should be kept clean and free
of carrier strips and other debris.


Numéro de pièce similaire - AM60520-4

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
AM60522 MOLEX11-AM60522 Datasheet
106Kb / 3P
   OPERATING INSTRUCTIONS
More results

Description similaire - AM60520-4

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com