Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF3006-G Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce UF3006-G
Description  Ultra Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

UF3006-G Fiches technique(HTML) 3 Page - Comchip Technology

  UF3006-G Datasheet HTML 1Page - Comchip Technology UF3006-G Datasheet HTML 2Page - Comchip Technology UF3006-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
QW-BU009
Ultra Fast Recovery Rectifiers
REV:A
Comchip Technology CO., LTD.
B
Taping Specification For Axial Lead Diodes
L1
L2
E
T
Z
T
E
90℃±5℃
B
Z
T
E
L
L1-L2
DO-27
SYMBOL
A
(mm)
(inch)
0.040 (max)
10.0 ± 0.50
52.4 ± 1.5
6.0 ± 0.4
1.0 (max)
1.2 (max)
0.8 (max)
2.063 ± 0.059
0.394± 0.020
0.047 (max)
0.236 ± 0.016
0.032(max)
SYMBOL
(mm)
(inch)
W
H
78.0 ± 5.0
3.071 ± 0.197
95.0 ± 5.0
3.740 ± 0.197
DO-27
255.0 ± 5.0
10.039 ± 0.197
L
H
W
Standard Packaging
Case Type
DO-27
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
1,200
12,000


Numéro de pièce similaire - UF3006-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
UF3006-G COMCHIP-UF3006-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
More results

Description similaire - UF3006-G

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFS305 MICROSEMI-UFS305 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
UFT2060 MICROSEMI-UFT2060 Datasheet
129Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com