Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZRW5251B-HF Fiches technique(PDF) 5 Page - Comchip Technology

No de pièce CZRW5251B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW5251B-HF Fiches technique(HTML) 5 Page - Comchip Technology

  CZRW5251B-HF Datasheet HTML 1Page - Comchip Technology CZRW5251B-HF Datasheet HTML 2Page - Comchip Technology CZRW5251B-HF Datasheet HTML 3Page - Comchip Technology CZRW5251B-HF Datasheet HTML 4Page - Comchip Technology CZRW5251B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
Part Number
CZRW5223B ~ 5256B-HF
Marking Code
.XX
Marking Code
Comchip Technology CO., LTD.
.XX
QW-JZ001
REV:D
Product type marking code (see page.2)
Suggested PAD Layout
SIZE
(inch)
0.132
(mm)
3.35
0.80
1.00
0.031
0.039
SOD-123
4.15
0.163
E
2.55
0.100
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
3,000
SOD-123
Reel Size
(inch)
7
A
B
C
D
A
C
B
E
D
SMD Zener Diode


Numéro de pièce similaire - CZRW5251B-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CZRW5251B-HF COMCHIP-CZRW5251B-HF Datasheet
198Kb / 5P
   SMD Zener Diode
More results

Description similaire - CZRW5251B-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com