Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1075-1ACPZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM1075-1ACPZ
Description  ??8 V Hot Swap Controller and Digital
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1075-1ACPZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM1075-1ACPZ Datasheet HTML 4Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 5Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 6Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 7Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 8Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 9Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 10Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 11Page - Analog Devices ADM1075-1ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 8 of 52
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Leakage Current
100
nA
VGPO ≤ 2 V; GPO disabled
1
μA
VGPO = 14 V; GPO disabled
Input High Voltage, VIH
1.1
V
Configured as CONV pin
Input Low Voltage, VIL
0.8
V
Configured as CONV pin
Glitch Filter
1
μs
Configured as CONV pin
GPO2/ALERT2 PIN
Output Low Voltage, VOL_GPO2
0.4
V
IGPO = 1 mA
1.5
V
IGPO = 5 mA
Leakage Current
100
nA
VGPO ≤ 2 V; GPO disabled
1
μA
VGPO = 14 V; GPO disabled
PWRGD PIN
Output Low Voltage, VOL_PWRGD
0.4
V
IPWRGD = 1 mA
1.5
V
IPWRGD = 5 mA
VIN That Guarantees Valid Output
1
V
ISINK = 100 μA; VOL_PWRGD = 0.4 V
Leakage Current
100
nA
VPWRGD ≤ 2 V; PWRGD active
1
μA
VPWRGD = 14 V; PWRGD active
CURRENT AND VOLTAGE MONITORING
Current Sense Absolute Error (ADM1075-1)
25 mV input range; 128 sample averaging (unless
otherwise noted)
−0.01
±0.7
%
VSENSE = 25 mV
0.05
±0.85
%
VSENSE = 20 mV
0.07
±0.85
%
VSENSE = 20 mV; 16 sample averaging
0.04
±2.8
%
VSENSE = 20 mV; 1 sample averaging
±1.0
%
VSENSE = 15 mV
±1.4
%
VSENSE = 10 mV
±2.7
%
VSENSE = 5 mV
±5.9
%
VSENSE = 2.5 mV
Current Sense Absolute Error (ADM1075-2)
50 mV input range; 128 sample averaging (unless
otherwise noted)
−0.03
±0.65
%
VSENSE = 50 mV
−0.03
±0.7
%
VSENSE = 40 mV
−0.03
±0.7
%
VSENSE = 40 mV; 16 sample averaging
−0.04
±1.35
%
VSENSE = 40 mV; 1 sample averaging
±0.75
%
VSENSE = 30 mV
±0.9
%
VSENSE = 20 mV
±1.7
%
VSENSE = 10 mV
±3.0
%
VSENSE = 5 mV
ADC_V/ADC_AUX Absolute Accuracy
−0.8
+0.8
%
0.6 V ≤ VADC ≤ 1.5 V
ADC Conversion Time
1 sample of voltage and current; from command
received to valid data in register
191
219
μs
VAUX disabled
263
301
μs
VAUX enabled
16 samples of voltage and current averaged; from
command received to valid data in register
2.830
3.243
ms
VAUX disabled
3.987
4.568
ms
VAUX enabled
128 samples of voltage and current averaged; from
command received to valid data in register
22.54
25.83
ms
VAUX disabled (default on power-up)
31.79
36.43
ms
VAUX enabled
Power Multiplication Time
14
μs


Numéro de pièce similaire - ADM1075-1ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
ADM1075 AD-ADM1075 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Description similaire - ADM1075-1ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com