Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4196BCPZ-RL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADF4196BCPZ-RL7
Description  Low Phase Noise, Fast Settling, 6 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ-RL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADF4196BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF4196BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ. UNIT
GHz KEYWORD
R
PARAM TYPE S
IMPEDANCE 50
DATA FORMAT
MA
FREQ.
MAGS11
ANGS11
0.5
0.8897
–16.6691
0.6
0.87693
–19.9279
0.7
0.85834
–23.561
0.8
0.85044
–26.9578
0.9
0.83494
–30.8201
1.0
0.81718
–34.9499
1.1
0.80229
–39.0436
1.2
0.78917
–42.3623
1.3
0.77598
–46.322
1.4
0.75578
–50.3484
1.5
0.74437
–54.3545
1.6
0.73821
–57.3785
1.7
0.7253
–60.695
1.8
0.71365
–63.9152
1.9
0.70699
–66.4365
2.0
0.7038
–68.4453
2.1
0.69284
–70.7986
2.2
0.67717
–73.7038
FREQ.
MAGS11
ANGS11
2.3
0.67107
–75.8206
2.4
0.66556
–77.6851
2.5
0.6564
–80.3101
2.6
0.6333
–82.5082
2.7
0.61406
–85.5623
2.8
0.5977
–87.3513
2.9
0.5655
–89.7605
3.0
0.5428
–93.0239
3.1
0.51733
–95.9754
3.2
0.49909
–99.1291
3.3
0.47309
–102.208
3.4
0.45694
–106.794
3.5
0.44698
–111.659
3.6
0.43589
–117.986
3.7
0.42472
–125.62
3.8
0.41175
–133.291
3.9
0.41055
–140.585
4.0
0.40983
–147.97
Figure 4. S-Parameter Data for the RF Input
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
100M
GSM900 Rx SETUP, 40kHz LOOP BW, DITHER OFF
RF = 1092.8MHz,
fREF = 26MHz, MOD = 130
N = 42 4/130
INTEGER BOUNDARY SPUR: –103dBc @ 800kHz
Figure 5. Single-Sideband (SSB) Phase Noise Plot at 1092.8 MHz
(GSM900 Rx Setup) vs. Free Running VCO Noise
FREQUENCY (MHz)
1846
1859
–120
–110
–100
–90
–80
–70
–60
1872
400kHz SPURS @ 25°C
400kHz SPURS @ 85°C
DCS1800 Tx SETUP WITH DITHER OFF,
60kHz LOOP BW, 13MHz PFD.
MEASURED ON EVAL-ADF4193EBZ1 BOARD
Figure 6. 400 kHz Fractional Spur Levels Across All DCS1800 Tx Channels
over Two Integer Multiples of the PFD Reference
FREQUENCY (GHz)
012
34
–30
–25
–20
–15
–10
–5
0
5
10
7
6
5
4/5 PRESCALER 8/9 PRESCALER
Figure 7. RF Input (RFIN) Sensitivity
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
100M
DCS1800 Tx SETUP, 60kHz LOOP BW, DITHER OFF
RF = 1842.6MHz,
fREF = 13MHz, MOD = 65
DSB INTEGRATED PHASE ERROR = 0.46° RMS
SIRENZA 1843T VCO
Figure 8. Single-Sideband (SSB) Phase Noise Plot at 1842.6 MHz
(DCS1800 Tx Setup)
FREQUENCY (MHz)
1846
1859
–120
–110
–100
–90
–80
–70
–60
1872
600kHz SPURS @ 25°C
600kHz SPURS @ 85°C
DCS1800 Tx SETUP WITH DITHER OFF,
60kHz LOOP BW, 13MHz PFD.
MEASURED ON EVAL-ADF4193EBZ1 BOARD
Figure 9. 600 kHz Fractional Spur Levels Across All DCS1800 Tx Channels over
Two Integer Multiples of the PFD Reference


Numéro de pièce similaire - ADF4196BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4196BCPZ-RL7 AD-ADF4196BCPZ-RL7 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
More results

Description similaire - ADF4196BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com