Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD823AARZ-RL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD823AARZ-RL
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-RL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD823AARZ-RL Datasheet HTML 5Page - Analog Devices AD823AARZ-RL Datasheet HTML 6Page - Analog Devices AD823AARZ-RL Datasheet HTML 7Page - Analog Devices AD823AARZ-RL Datasheet HTML 8Page - Analog Devices AD823AARZ-RL Datasheet HTML 9Page - Analog Devices AD823AARZ-RL Datasheet HTML 10Page - Analog Devices AD823AARZ-RL Datasheet HTML 11Page - Analog Devices AD823AARZ-RL Datasheet HTML 12Page - Analog Devices AD823AARZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 9 of 20
0.1
1
10
100
–16
–12
–8
–4
0
4
8
12
16
COMMON-MODE VOLTAGE (V)
VS = ±15V
Figure 13. Input Bias Current vs. Common-Mode Voltage
80
90
100
110
120
0.1
1
10
100
LOAD RESIST
ANCE (kΩ)
VS = ±2.5V
Figure 14. Open-Loop Gain vs. Load Resistance
1000
100
10
1
0.1
–2.5
2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0.5
0
OUTPUT VOLTAGE (V)
RL = 10kΩ
RL = 1kΩ
RL = 100Ω
VS = ±2.5 V
Figure 15. Open-Loop Gain vs. Output Voltage, VS = ±2.5 V
–40
–50
–60
–70
–80
–90
–100
–110
–120
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 30V
VOUT = 10V p-p
RL = 600Ω
VS = 3V
VOUT = 2V p-p
RL = 100Ω
VS = 3V
VOUT = 2V p-p
RL = 5kΩ
VS = 5V
VOUT = 2V p-p
RL = 5kΩ
VS = 5V
VOUT = 2V p-p
RL = 1kΩ
G = –1
RF = RG = 4kΩ
Figure16. Total Harmonic Distortion vs. Frequency
99
100
101
102
103
–55
–25
5
35
65
95
125
TEMPERATURE (°C)
RL = 2kΩ
VS = ±2.5V
Figure 17. Open-Loop Gain vs. Temperature
–20
0
20
40
60
80
100
120
–20
0
20
40
60
80
100
120
1M
10M
FREQUENCY (Hz)
100
1k
10k
100k
100M
VS = +5V
RL = 2kΩ
CL = 20pF
PHASE
GAIN
Figure 18. Open-Loop Gain and Phase Margin vs. Frequency
B


Numéro de pièce similaire - AD823AARZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD823AN AD-AD823AN Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
AD823AN AD-AD823AN Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823ANZ AD-AD823ANZ Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823AR AD-AD823AR Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
AD823AR AD-AD823AR Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
More results

Description similaire - AD823AARZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com