Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAB80C517A Fiches technique(PDF) 67 Page - Siemens Semiconductor Group

No de pièce SAB80C517A
Description  8-Bit CMOS Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C517A Fiches technique(HTML) 67 Page - Siemens Semiconductor Group

Back Button SAB80C517A Datasheet HTML 63Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 64Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 65Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 66Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 67Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 68Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 69Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 70Page - Siemens Semiconductor Group SAB80C517A Datasheet HTML 71Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
SAB 80C517A/83C517A-5
Semiconductor Group
66
1994-05-01
AC Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
18 MHz Clock
Variable Clock
1/t CLCL = 3.5 MHz to 18 MHz
min.
max.
min.
max.
External Data Memory Characteristics
RD pulse width
tRLRH
233
6 tCLCL – 100
ns
WR pulse width
tWLWH
233
6 tCLCL – 100
ns
Address hold after ALE
tLLAX2
81
2 tCLCL – 30
ns
RD to valid data in
tRLDV
128
5 tCLCL – 150
ns
Data hold after RD
tRHDX
0
0–ns
Data float after RD
tRHDZ
–51
2 tCLCL – 60
ns
ALE to valid data in
tLLDV
294
8 tCLCL – 150
ns
Address to valid data in
tAVDV
335
9 tCLCL – 165
ns
ALE to WR or RD
tLLWL
117
217
3 tCLCL – 50
3 tCLCL +50
ns
WR or RD high to ALE
high
tWHLH
16
96
tCLCL – 40
tCLCL +40
ns
Address valid to WR
tAVWL
92
4 tCLCL – 130
ns
Data valid to WR
transition
tQVWX
11
tCLCL – 45
ns
Data setup before WR
tQVWH
239
7 tCLCL – 150
ns
Data hold after WR
tWHQX
16
tCLCL – 40
ns
Address float after RD
tRLAZ
0
–0ns


Numéro de pièce similaire - SAB80C517A

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-M18 SIEMENS-SAB80C517A-M18 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-N18 SIEMENS-SAB80C517A-N18 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-N18-T3 SIEMENS-SAB80C517A-N18-T3 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
More results

Description similaire - SAB80C517A

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com