Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT2222 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce PZT2222
Description  NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZT2222 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  PZT2222 Datasheet HTML 1Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 2Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 3Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 4Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 5Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
PZT 2222
PZT 2222 A
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 0.1 mA, VCE = 10 V
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
PZT 2222
PZT 2222 A
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
PZT 2222
PZT 2222 A
V(BR)CE0
30
40
Collector-emitter cutoff current
VCE = 30 V, –VBE = 0.5 V
ICEV
––50
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA, IB = 0
PZT 2222
PZT 2222 A
V(BR)CB0
60
75
Emitter-base breakdown voltage
IE = 10
µA, IE = 0
PZT 2222
PZT 2222 A
V(BR)EB0
5
6
nA
Emitter-base cutoff current
VEB = 3 V, IC = 0
IEB0
––10
nA
nA
µA
µA
Collector-base cutoff current
VCB = 50 V, IE = 0
PZT 2222
PZT 2222 A
VCB = 50 V, IE = 0, TA = 150 ˚C
PZT 2222
PZT 2222 A
ICB0
20
10
20
10
Emitter-base cutoff current
VCE = 30 V, –VBE = 0.5 V
IEBV
––50
hFE
35
50
75
100
30
40
300
1)
Pulse test conditions: t
300 µs, D = 2 %.


Numéro de pièce similaire - PZT2222

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
PZT2222 DIOTEC-PZT2222 Datasheet
109Kb / 2P
   Suface Mount Si-Epitaxial Planar Switching Transistors
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
180Kb / 5P
   NPN General Purpose Amplifier
logo
TECH PUBLIC Electronics...
PZT2222A TECHPUBLIC-PZT2222A Datasheet
1Mb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
More results

Description similaire - PZT2222

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com