Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL5001G-D08-T Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce TL5001G-D08-T
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-D08-T Fiches technique(HTML) 7 Page - Unisonic Technologies

Back Button TL5001G-D08-T Datasheet HTML 3Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 4Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 5Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 6Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 7Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 8Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 9Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 10Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R103-016,D
DETAILED DESCRIPTION(Cont.)
DEAD TIME CONTORL (DTC)
DTC provides a means of limiting the output-switch duty cycle to a value less than 100%, which is critical for boost
and flyback converters. A current source generates a reference current (IDT) at DTC that is nominally equal to the
current at the oscillator timing terminal, RT. Connecting a resistor between DTC and GND generates a dead-time
reference voltage (VDT), which the PWM/DTC comparator compares to the oscillator triangle wave as described in
the previous section. Nominally, the maximum duty cycle is 0% when VDT is 0.7V or less and 100% when VDT is
1.3V or greater. Because the triangle wave amplitude is a function of frequency and the source impedance of RT is
relatively high(1250Ω),choosing RDT for a specific maximum duty cycle, D, is accomplished using the following
equation and the voltage limits for the frequency in question as found in Fig. 11(VOSC(MAX) and VOSC(MIN) are the
maximum and minimum oscillator levels):
RDT=(RT +1250)[D(VOSC(MAX)-VOSC(MIN))+VOSC(MIN)]
Where
RDT and RT are in ohms, D in decimal
Soft start can be implemented by paralleling the DTC resistor with a capacitor (CDT) as shown in Fig. 2. During soft
start, the voltage at DTC is derived by the following equation:
VDT≈IDTRDT(1-e
(-t/RDTCDT))
UTC
TL5001
RDT
CDT
DTC
6
Fig. 2 Soft- Start Circuit
If the dc-to-dc converter must be in regulation within a specified period of time, the time constant, RDTCDT,
should be t0/3 to t0/5.The UTC TL5001 remains off unit VDT≈0.7V, the minimum ramp value. CDT is discharged
every time UVLO or SCP becomes active.
UNDERVOLTAGE-LOCKOUT (UVLO) PROTECTION
The undervoltage-lockout circuit turns the output transistor off and resets the SCP latch whenever the supply
voltage drops too low (approximately 3V at 25℃) for proper operation. A hysteresis voltage of 200mV eliminates
false triggering on noise and chattering.


Numéro de pièce similaire - TL5001G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL5001G-D08-T UTC-TL5001G-D08-T Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Description similaire - TL5001G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com