Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL432CG-S08-T Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce TL432CG-S08-T
Description  1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432CG-S08-T Fiches technique(HTML) 1 Page - Unisonic Technologies

  TL432CG-S08-T Datasheet HTML 1Page - Unisonic Technologies TL432CG-S08-T Datasheet HTML 2Page - Unisonic Technologies TL432CG-S08-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL432C
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-022.I
1.24V PRECISION
ADJUSTABLE SHUNT
REFERENCE REGULATORS
DESCRIPTION
The UTC TL432C is a three-terminal adjustable shunt
regulator highly accurate 1.24V band gap reference with 1%, 2%
tolerance.
The device offers thermal stability, wide operating
current (50mA) and an extended temperature range of 0
°C to 85°C
for operation in power supply applications.
The UTC TL432C
offers a wide operating voltage range of up to 12V and is an
excellent choice for voltage reference requirements in an isolated
feedback circuit for 3.0V ~ 3.3V switching mode power supplies.
The tight tolerance guarantees a lower design cost for the power
supply manufacturer by virtually eliminating the need for an extra
power supply manufacturing process of the power supply.
FEATURES
*Temperature-Compensated: 50ppm/°C
*Internal Amplifier with 50mA Capability
*Nominal Temperature Range Extended to 85°C
*Low Frequency Dynamic Output Impedance:<150mΩ
*Low Output Noise
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
TL432CL-AB3-R
TL432CG-AB3-R
SOT-89
R A K
-
-
-
-
-
Tape Reel
TL432CL-AE3-R
TL432CG-AE3-R
SOT-23
K R A
-
-
-
-
-
Tape Reel
TL432CL-AF5-R
TL432CG-AF5-R
SOT-25
X X K R A
-
-
-
Tape Reel
TL432CL-T92-B
TL432CG-T92-B
TO-92
R A K
-
-
-
-
-
Tape Box
TL432CL-T92-K
TL432CG-T92-K
TO-92
R A K
-
-
-
-
-
Bulk
TL432CL-T92-R
TL432CG-T92-R
TO-92
R A K
-
-
-
-
-
Tape Reel
TL432CL-S08-R
TL432CG-S08-R
SOP-8
K A A X X A A R
Tape Reel
TL432CL-S08-T
TL432CG-S08-T
SOP-8
K A A X X A A R
Tube
Note: Pin Code: C: Cathode
A: Anode
R: Reference
X: No Connection


Numéro de pièce similaire - TL432CG-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL432CG-S08-R UTC-TL432CG-S08-R Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432CG-S08-R UTC-TL432CG-S08-R Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Description similaire - TL432CG-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
   1.24V Precision Adjustable Shunt Reference
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com