Moteur de recherche de fiches techniques de composants électroniques |
|
CDBURT0230R-HF Fiches technique(PDF) 3 Page - Comchip Technology |
|
CDBURT0230R-HF Fiches technique(HTML) 3 Page - Comchip Technology |
3 / 4 page Low Profile SMD Schottky Barrier Diode Page 3 Index hole Trailer Device Leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... End Start d E F B W A P P0 P1 D1 D2 D W1 T C Direction of Feed Reel Taping Specification REV:A Comchip Technology CO., LTD. QW-G1108 B C d D D2 D1 E F P P0 P1 T SYMBOL A W W1 (mm) (inch) 0.041 0.002 ± 0.077 0.002 ± 0.022 0.002 ± 0.059 0.004 ± 7.008 0.04 ± 2.362 MIN. 0.512 0.008 ± SYMBOL (mm) (inch) 0.069 0.004 ± 0.138 0.002 ± 0.157 0.004 ± 0.157 0.004 ± 0.079 0.002 ± 0.008 0.001 ± 0.315 0.008 ± 0.531 MAX. 1.05 0.05 ± 1.96 0.05 ± 4.00 0.10 ± 1.50 0.10 + 3.50 0.05 ± 1.75 0.10 ± 60.0 MIN. 13.0 0.20 ± 0.57 0.05 ± 4.00 0.05 ± 2.00 0.05 ± 0.20 0.03 ± 8.00 0.20 ± 13.5 MAX. 178 1 ± 0603 (SOD-523F) 0603 (SOD-523F) |
Numéro de pièce similaire - CDBURT0230R-HF |
|
Description similaire - CDBURT0230R-HF |