Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT4066PW Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
74HCT4066PW Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 27 page 2004 Nov 11 6 Philips Semiconductors Product specification Quad bilateral switches 74HC4066; 74HCT4066 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. To avoid drawing VCC current out of pin nZ, when switch current flows in pin nY, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into pin nZ, no VCC current will flow out of pin nY. In this case there is no limit for the voltage drop across the switch, but the voltages at pins nY and nZ may not exceed VCC or GND. 2. For DIP14 packages: above 70 °C derate linearly with 12 mW/K. For SO14 packages: above 70 °C derate linearly with 8 mW/K. For SSOP14 and TSSOP16 packages: above 60 °C derate linearly with 5.5 mW/K. For DHVQFN14 packages: above 60 °C derate linearly with 4.5 mW/K. SYMBOL PARAMETER CONDITIONS 74HC4066 74HCT4066 UNIT MIN. TYP. MAX. MIN. TYP. MAX. VCC supply voltage 2.0 5.0 10.0 4.5 5.0 5.5 V VI input voltage GND − VCC GND − VCC V VS switch voltage GND − VCC GND − VCC V Tamb ambient temperature see DC and AC characteristics per device −40 +25 +85 −40 +25 +85 °C −40 − +125 −40 − +125 °C tr,tf input rise and fall times VCC = 2.0 V − 6.0 1000 − 6.0 500 ns VCC = 4.5 V −− 500 −−− ns VCC = 6.0 V −− 400 −−− ns VCC = 10.0 V −− 250 −−− ns SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.5 +11.0 V IIK input diode current VI < −0.5 V or VI >VCC + 0.5 V −±20 mA ISK switch diode current VS < −0.5 V or VS >VCC + 0.5 V −±20 mA IS switch current −0.5V<VO <VCC + 0.5 V; note 1 −±25 mA ICC, IGND VCC or GND current −±50 mA Tstg storage temperature −65 +150 °C Ptot power dissipation Tamb = −40 °C to +125 °C; note 2 − 500 mW PS power dissipation per switch − 100 mW |
Numéro de pièce similaire - 74HCT4066PW |
|
Description similaire - 74HCT4066PW |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |