Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBHD220-G Fiches technique(PDF) 1 Page - Comchip Technology

No de pièce CDBHD220-G
Description  Low VF SMD Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD220-G Fiches technique(HTML) 1 Page - Comchip Technology

  CDBHD220-G Datasheet HTML 1Page - Comchip Technology CDBHD220-G Datasheet HTML 2Page - Comchip Technology CDBHD220-G Datasheet HTML 3Page - Comchip Technology CDBHD220-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:B
Features
Mechanical data
-Case: TO-269AA, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Marked on body.
-Weight:0.22 gram(approx.).
CDBHD220-G Thru. CDBHD2100-G
Maximum Ratings and Electrical Characteristics
QW-BL011
Comchip Technology CO., LTD.
TO-269AA
Dimensions in inches and (millimeters)
.165(4.2)
.106(2.7)
.275(7.0)
.008(0.2)
.043(1.1)
.106(2.7)
.193(4.9)
.031(0.8)
.150(3.8)
.090(2.3)
MAX
.027(0.7)
.090(2.3)
.177(4.5)
+
.019(0.5)
~
~
-Schottky barrier chips in TO-269AA bridge.
-Metal semiconductor junction with guard ring.
-Silicon epitaxial planar chips.
-Very low forward drop down voltage.
-For use in low voltage, high efficiency inverters, free
wheeling, and polarity protection applications.
-Lead-free parts meet RoHS requirments.
-UL recognized file # E321971
-Mounting Position: Any.
Peak Forward surge current
Reverse current
Diode junction capacitance
Units
20
14
0.5
40
28
40
60
42
60
80
56
80
100
70
100
V
V
A
A
V
°C/W
°C
Symbol
VRMS
VR
Thermal resistance
8.3ms single half sine-wave superimposed
on rate load (JEDEC methode)
VR=VRRM TA=100°C
Junction to ambient
Junction to lead
f=1MHz and applied 4V DC reverse voltage
Max. DC blocking voltage
Max. RMS voltage
VRRM
VF
20
0.70
0.85
V
Max. Instantaneous forward
voltage at 2.0A
IAV
IFSM
IR
RθJA
RθJL
CJ
-55 to +125
150
20
85
0.5
mA
pF
20
50
2.0
Max. repetitive peak reverse
voltage
Conditions
Parameter
CDBHD
220-G
CDBHD
240-G
CDBHD
260-G
CDBHD
280-G
CDBHD
2100-G
VR=VRRM TA=25°C
2.0X2.0”(5.0x5.0mm) copper pad,
See fig.1
Average Forward rectified
current
-65 to +175
TSTG
°C
Sorage temperature
Operating junction
temperature
TJ
-55 to +150
MDS
XXX


Numéro de pièce similaire - CDBHD220-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBHD1100L-G COMCHIP-CDBHD1100L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
CDBHD1100L-G COMCHIP-CDBHD1100L-G Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
More results

Description similaire - CDBHD220-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com