Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBHD120L-G Fiches technique(PDF) 1 Page - Comchip Technology

No de pièce CDBHD120L-G
Description  Low VF Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD120L-G Fiches technique(HTML) 1 Page - Comchip Technology

  CDBHD120L-G_12 Datasheet HTML 1Page - Comchip Technology CDBHD120L-G_12 Datasheet HTML 2Page - Comchip Technology CDBHD120L-G_12 Datasheet HTML 3Page - Comchip Technology CDBHD120L-G_12 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV:B
Features
Mechanical data
CDBHD120L-G Thru. CDBHD1100L-G
Maximum Ratings and Electrical Characteristics
QW-BL009
Comchip Technology CO., LTD.
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
Maximum RMS voltage
Peak surge forward current
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
Max. instantaneous forward voltage at
1.0A (Note 1)
Max. DC reverse current at
rated DC blocking voltage
Typical thermal resistance (Note 3)
Operating junction temperature Range
Storage temperature Range
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IAV
VF
IR
RθJA
RθJL
TJ
TSTG
V
V
V
A
A
V
mA
°C/W
°C
°C
Dimensions in inches and (millimeter)
Mini DIP/To-269AA
.008 (0.2)
Max.
.106 (2.7)
.090 (2.3)
.114(2.90)
.094(2.40 )
.051 (1.3)
.035 (0.9)
.193(4.90 )
.177(4.50 )
.067(1.7)
.05 7(1.3)
.031(0.8)
.019(0.5)
.016(0.41 )
.006 (0.15 )
+
~
~
.043 (1.1)
.027 (0.7)
.106(2.7)
.090(2.3)
C .02(0.5)
- Metal-Semiconductor junction with guard ring
- High surge current capability
- Silicon epitaxial planar chips
- For use in low voltage, high efficiency inverters, free
wheeling, and polarity protection applications
- Lead-free part, meet RoHS requirements
- Low Vf Schottky barrier chips in bridge
- Case: Mini-Dip bridge (TO-269AA) plastic molded case
- Epoxy: UL94-V0 rated flame retardant
- Terminals: Solderable per MIL-STD-750 Method 2026
- Polarity: As marked on body
- Mounting Position: Any
- Weight: 0.0078 ounces, 0.22 grams
CDBHD
120L-G
CDBHD
140L-G
CDBHD
160L-G
CDBHD
180L-G
CDBHD
1100L-G
40
20
60
80
100
28
14
42
56
70
40
20
60
80
100
30.0
0.625
0.75
0.44
0.50
20.0
TA=25°C
TA=100°C
IR
85.0
20.0
-55 to +125
-55 to +150
Typical junction Capacitance (Note 2)
P
F
CJ
250
125
1.0
Max. average forward current
0.2*0.2”(5.0*5.0mm)copper pad area,see Figure 1
Note 1. Pulse test: 300µS pulse width, 1% duty cycle
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2x0.2”(5.0x5.0mm) copper pad areas.


Numéro de pièce similaire - CDBHD120L-G_12

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results

Description similaire - CDBHD120L-G_12

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJL3506 YANGJIE-GBJL3506 Datasheet
345Kb / 4P
   Low VF Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBJ1506L NIUHANG-KBJ1506L Datasheet
370Kb / 3P
   LOW VF BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com