Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N136M(TB)-V Fiches technique(PDF) 1 Page - Everlight Electronics Co., Ltd

No de pièce 6N136M(TB)-V
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136M(TB)-V Fiches technique(HTML) 1 Page - Everlight Electronics Co., Ltd

  6N136M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No
:DPC-0000112
Rev.1
October 4, 2011
6N135 6N136
EL450X series
5
6
7
8
1
2
3
4
Features
• High speed 1Mbit/s
• High isolation voltage between input
and output (Viso=5000 Vrms )
• Guaranteed performance from 0°C to 70°C
• Wide operating temperature range of -55°C to 100°C
• Pb free and RoHS compliant
• UL approved (No. 214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2037145)
Description
The 6N135, 6N136, EL4502 and EL4503 devices each
consist of an infrared emitting diode, optically coupled to a high
speed photo detector transistor. A separate connection for the
photodiode bias and output-transistor collector increase the
speed by several orders of magnitude over conventional
phototransistor couplers by reducing the base-collector
capacitance of the input transistor.
The devices are packaged in an 8-pin DIP package and
available in wide-lead spacing and SMD option.
Applications
• Line receivers
• Telecommunication equipments
• Power transistor isolation in motor drives
• Replacement for low speed phototransistor photo couplers
• Feedback loop in switch-mode power supplies
• Home appliances
• High speed logic ground isolation
Schematic
5
6
7
8
1
2
3
4
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. VB
8. VCC
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. No Connection
8. VCC
6N135 / 6N136
EL4502 / EL4503


Numéro de pièce similaire - 6N136M(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N136M(TB)-V EVERLIGHT-6N136M(TB)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
More results

Description similaire - 6N136M(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
   8 PIN SOP HIGH SPEED 1Mbit/s
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com