Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N136S(TA)-V Fiches technique(PDF) 3 Page - Everlight Electronics Co., Ltd

No de pièce 6N136S(TA)-V
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N136S(TA)-V Fiches technique(HTML) 3 Page - Everlight Electronics Co., Ltd

  6N136S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N136S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No
:DPC-0000112
Rev.1
October 4, 2011
6N135 6N136
EL450X series
Electrical Characteristics (TA=0 to 70°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Conditions
Forward voltage
VF
-
1.45
1.8
V
IF = 16mA
Reverse Voltage
VR
5.0
-
-
V
IR = 10µA
Temperature coefficient of
forward voltage
∆VF/∆TA
-
-1.9
-
mV/°C
IF =16mA
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Conditions
Logic High Output Current
IOH
-
0.001
0.5
µA
IF=0mA, VO=VCC=5.5V,
TA=25°C
-
0.01
1
IF=0mA, VO=VCC=15V,
TA=25°C
-
-
50
IF=0mA, VO=VCC=15V
Logic Low Supply Current
ICCL
-
140
200
µA
IF=16mA, VO=Open,
VCC=15V
Logic High Supply Current
ICCH
-
0.01
1
µA
IF=0mA, VO=Open,
VCC=15V, TA=25°C
-
-
2
IF=0mA, VO=Open,
VCC=15V
* Typical values at TA = 25°C


Numéro de pièce similaire - 6N136S(TA)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N136S(TA)-V EVERLIGHT-6N136S(TA)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
More results

Description similaire - 6N136S(TA)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
   8 PIN SOP HIGH SPEED 1Mbit/s
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com