Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N139S1(TB)-V Fiches technique(PDF) 3 Page - Everlight Electronics Co., Ltd

No de pièce 6N139S1(TB)-V
Description  8 PIN DIP LOW INPUT CURRENT HIGH GAIN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N139S1(TB)-V Fiches technique(HTML) 3 Page - Everlight Electronics Co., Ltd

  6N139S1(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8 PIN DIP LOW INPUT CURRENT HIGH GAIN
SPLIT DARLINGTON PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000019
Rev.2
February 23, 2009
6N138 6N139
Electrical Characteristics (Ta=0 to 70°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.3
1.7
V
IF = 1.6mA
Reverse Voltage
VR
5.0
-
-
V
IR = 10μA, TA=25°C
Temperature coefficient of
forward voltage
ΔVF/ΔTA
-
-1.8
-
mV/°C
IF =1.6mA
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
6N139
-
0.01
100
Logic High
Output Current
6N138
IOH
-
-
250
µA
IF=0mA, VO=VCC=18V
Logic Low
Supply Current
6N138
6N139
ICCL
-
0.6
1.5
mA
IF=1.6mA, VO=Open,
VCC=18V
Logic High
Supply Current
6N138
6N139
ICCH
-
0.05
10
µA
IF=0mA, VO=Open,
VCC=18V
Transfer Characteristics (Ta=0 to 70°C unless specified otherwise, Vcc=4.5V)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
400
2500
-
IF = 0.5mA, VO = 0.4V,
VCC=4.5V
6N139
500
2000
-
Current Transfer
Ratio
6N138
CTR
300
2000
-
%
IF = 1.6mA, VO = 0.4V,
VCC=4.5V
-
0.05
0.4
IF = 0.5mA, IO = 2mA,
VCC=4.5V
-
0.09
0.4
IF = 1.6mA, IO = 8mA,
VCC=4.5V
-
0.12
0.4
IF = 5mA, IO = 15mA,
VCC=4.5V
6N139
-
0.17
0.4
IF = 12mA, IO = 24mA,
VCC=4.5V
Logic Low
Output Voltage
6N138
VOL
-
0.06
0.4
V
IF = 1.6mA, IO = 4.8mA,
VCC=4.5V
* Typical values at Ta = 25°C


Numéro de pièce similaire - 6N139S1(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Fairchild Semiconductor
6N139SD FAIRCHILD-6N139SD Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Description similaire - 6N139S1(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N138 EVERLIGHT-6N138_13 Datasheet
1Mb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
EL0700 EVERLIGHT-EL0700 Datasheet
1Mb / 13P
   8 PIN SOP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Motorola, Inc
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com