Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N137M(TB)-V Fiches technique(PDF) 4 Page - Everlight Electronics Co., Ltd

No de pièce 6N137M(TB)-V
Description  8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N137M(TB)-V Fiches technique(HTML) 4 Page - Everlight Electronics Co., Ltd

  6N137M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N137M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No
:DPC-0000120 Rev. 2
November 2, 2011
6N137
EL26XX series
Switching Characteristics (Ta=-40 to 85°C, VCC=5V, IF=7.5mA unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Propagation delay time to
output High level*
5
(Fig.12)
TPHL
-
35
75
ns
CL = 15pF, RL=350 ,
TA=25°C
Propagation delay time to
output Low level*
6
(Fig.12)
TPLH
-
40
75
ns
CL = 15pF, RL=350 ,
TA=25°C
Pulse width distortion
|Tphl – Tplh|
-
5
35
ns
CL = 15pF, RL=350
Output rise time*
7
(Fig.12)
tr
-
40
-
ns
CL = 15pF, RL=350
Output fall time*
8
(Fig.12)
tf
-
10
-
ns
CL = 15pF, RL=350
Switching Characteristics (Ta=-40 to 85°C, VCC=5V, IF=7.5mA unless specified otherwise)
Enable Propagation Delay
Time to Output High Level*
9
(Fig.13)
tELH
-
15
-
ns
IF = 7.5mA , VEH=3.5V,
CL = 15pF, RL=350
Enable Propagation Delay
Time to Output Low Level*
10
(Fig.13)
tEHL
-
15
-
ns
IF = 7.5mA , VEH=3.5V,
CL = 15pF, RL=350
Common Mode
Transient
Immunity at
Logic High
*11
6N137
CMH
-
-
-
V/µS
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=10Vp-p (Fig.14)
EL2601
5,000
-
-
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=50Vp-p (Fig.14)
EL2611
10,000
-
-
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=400Vp-p (Fig.14)
EL2611
20,000
-
-
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=400Vp-p (Fig.15)
Common Mode
Transient
Immunity at
Logic Low
*12
6N137
CML
-
-
-
V/µS
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=10Vp-p (Fig.14)
EL2601
5,000
-
-
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=50Vp-p (Fig.14)
EL2611
10,000
-
-
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=400Vp-p (Fig.14)
EL2611
20,000
-
-
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=400Vp-p (Fig.15)


Numéro de pièce similaire - 6N137M(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
6N137M(TB)-V EVERLIGHT-6N137M(TB)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Description similaire - 6N137M(TB)-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com