Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSGK370-N Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce LSGK370-N
Description  Multi ARGUS LED 3 mm T1 LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGK370-N Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  LSGK370-N Datasheet HTML 1Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 2Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 3Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 4Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 5Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 6Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 7Page - Siemens Semiconductor Group LSGK370-N Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
Multi ARGUS® LED
3 mm (T1) LED, Non Diffused
LSG K370, LSP K370,
LOP K370, LOG K370
Features
q
farbloses, klares Gehäuse
q
Kunststoffgehäuse mit spezieller Formgebung
q
antiparallel geschaltete Leuchtdiodenchips
q
hohe Signalwirkung durch Farbwechsel der LED möglich
q
bei Einsatz eines äußeren Reflektors zur Hintergrundbe-
leuchtung von Leuchtfeldern und LCD-Anzeigen geeignet
q
zur Direkteinkopplung in Lichtleiter geeignet
q
gleichmäßige Ausleuchtung einer Streuscheibe (Weiß-
druck) vor dem äußeren Reflektor
q
beide Farben getrennt ansteuerbar
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colorless, clear package
q
plastic package with a special design
q
antiparallel chip
q
high signal effiency possible by color change of the LED
q
in connection with an additional, custom built reflector
suitable for backlighting of display panels
q
for optical coupling into light pipes
q
uniform illumination of a diffuser screen in front of the
custom built reflector
q
both colors can be controlled separately
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Numéro de pièce similaire - LSGK370-N

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
   Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSGK372-QO SIEMENS-LSGK372-QO Datasheet
492Kb / 8P
   Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
More results

Description similaire - LSGK370-N

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
   Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com