Moteur de recherche de fiches techniques de composants électroniques |
|
TSL25717 Fiches technique(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
TSL25717 Fiches technique(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
3 / 24 page TSL2571 LIGHT-TO-DIGITAL CONVERTER TAOS117A − FEBRUARY 2011 3 The LUMENOLOGY r Company r r Copyright E 2011, TAOS Inc. www.taosinc.com Terminal Functions TERMINAL TYPE DESCRIPTION NAME NO. TYPE DESCRIPTION GND 3 Power supply ground. All voltages are referenced to GND. INT 5 O Interrupt — open drain (active low). NC 4 Do not connect. SCL 2 I I2C serial clock input terminal — clock signal for I2C serial data. SDA 6 I/O I2C serial data I/O terminal — serial data I/O for I2C . VDD 1 Supply voltage. Available Options DEVICE ADDRESS PACKAGE − LEADS INTERFACE DESCRIPTION ORDERING NUMBER TSL25711 0x39 FN−6 I2C Vbus = VDD Interface TSL25711FN TSL25713 0x39 FN−6 I2C Vbus = 1.8 V Interface TSL25713FN TSL25715† 0x29 FN−6 I2C Vbus = VDD Interface TSL25715FN TSL25717† 0x29 FN−6 I2C Vbus = 1.8 V Interface TSL25717FN † Contact TAOS for availability. Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 3.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital output voltage range, VO −0.5 V to 3.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital output current, IO −1 mA to 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD tolerance, human body model 2000 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltages are with respect to GND. Recommended Operating Conditions MIN NOM MAX UNIT Supply voltage, VDD 2.6 3 3.6 V Operating free-air temperature, TA −30 70 °C |
Numéro de pièce similaire - TSL25717 |
|
Description similaire - TSL25717 |