Moteur de recherche de fiches techniques de composants électroniques |
|
AD8052LV Fiches technique(PDF) 5 Page - Cadeka Microcircuits LLC. |
|
AD8052LV Fiches technique(HTML) 5 Page - Cadeka Microcircuits LLC. |
5 / 14 page ©2011 CADEKA Microcircuits LLC www.cadeka.com 5 Data Sheet Electrical Characteristics at 5V Vs = 5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless otherwise noted. Symbol Parameter Conditions Min Typ Max Units Frequency Domain Response UGBW -3dB Bandwidth(2) G = +1, VOUT = 0.05Vpp 260 MHz BWSS -3dB Bandwidth G = +2, VOUT = 0.2Vpp 90 MHz BWLS Large Signal Bandwidth G = +2, VOUT = 2Vpp 40 MHz GBWP Gain Bandwidth Product 90 MHz Time Domain Response tR, tF Rise and Fall Time(2) VOUT = 0.2V step 3.6 ns tS Settling Time to 0.1% VOUT = 2V step 40 ns OS Overshoot VOUT = 0.2V step 7 % SR Slew Rate 5V step, G = -1 145 V/µs Distortion/Noise Response HD2 2nd Harmonic Distortion(2) 2Vpp, 5MHz 71 dBc HD3 3rd Harmonic Distortion(2) 2Vpp, 5MHz 78 dBc 2Vpp, 5MHz 70 dB DG Differential Gain NTSC (3.85MHz), AC-Coupled, RL = 150Ω 0.06 % NTSC (3.85MHz), DC-Coupled, RL = 150Ω 0.08 % DP Differential Phase NTSC (3.85MHz), AC-Coupled, RL = 150Ω 0.07 ° NTSC (3.85MHz), DC-Coupled, RL = 150Ω 0.06 ° en Input Voltage Noise >1MHz 16 nV/√Hz in Input Current Noise >1MHz 1.3 pA/√Hz XTALK Crosstalk(2) 10MHz 62 dB DC Performance VIO Input Offset Voltage(1) -8 1.4 +8 mV dVIO Average Drift 10 µV/°C Ib Input Bias Current(1) -8 3 +8 µA dIb Average Drift 7 nA/°C IIO Input Offset Current(1) -0.8 0.1 +0.8 µA PSRR Power Supply Rejection Ratio(1) DC 52 57 dB AOL Open-Loop Gain(1) 68 78 dB IS Quiescent Current(1) Per Amplifier 4.2 5.2 mA Input Characteristics RIN Input Resistance 4.3 MΩ CIN Input Capacitance 1.8 pF CMIR Common Mode Input Range -0.3 to 3.8 V CMRR Common Mode Rejection Ratio(1) DC, Vcm = 0V to Vs -1.5 72 87 dB Output Characteristics VOUT Output Voltage Swing RL = 10kΩ to Vs/2 0.027 to 4.97 V RL = 2kΩ to Vs/2 0.036 to 4.953 V RL = 150Ω to Vs/2(1) 0.3 0.12 to 4.8 4.625 V IOUT Output Current ±55 mA -40°C to +85°C ±50 mA ISC Short-Circuit Output Current ±85 mA Vs Power Supply Operating Range 2.5 5 5.5 V Notes: 1. 100% tested at 25°C. 2. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0). |
Numéro de pièce similaire - AD8052LV |
|
Description similaire - AD8052LV |