Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF450 Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce UF450
Description  14A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF450 Fiches technique(HTML) 6 Page - Unisonic Technologies

  UF450 Datasheet HTML 1Page - Unisonic Technologies UF450 Datasheet HTML 2Page - Unisonic Technologies UF450 Datasheet HTML 3Page - Unisonic Technologies UF450 Datasheet HTML 4Page - Unisonic Technologies UF450 Datasheet HTML 5Page - Unisonic Technologies UF450 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UF450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-185.G
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - UF450

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UF450 UTC-UF450 Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
UF450 ISC-UF450 Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
UF450-T47-T UTC-UF450-T47-T Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
UF450G-T3P-T UTC-UF450G-T3P-T Datasheet
256Kb / 6P
   N-CHANNEL POWER MOSFET
UF450G-T47-T UTC-UF450G-T47-T Datasheet
256Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Description similaire - UF450

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com