Moteur de recherche de fiches techniques de composants électroniques |
|
L-12262 Fiches technique(PDF) 1 Page - Rhombus Industries Inc. |
|
L-12262 Fiches technique(HTML) 1 Page - Rhombus Industries Inc. |
1 / 5 page For other values & Custom Designs, contact factory. Specifications subject to change without notice. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 • Fax: (714) 896-0971 Rhombus Industries Inc. Power Line Chokes Drum Core Style www.rhombus-ind.com Pkg. ( Dimensions in inches ) Code A B C D 1 0.560 0.810 0.187 0.126 2 0.709 0.795 0.187 0.126 3 0.709 0.866 0.187 0.126 Flammability: Materials used in the production of these units are UL94-VO and meet requirements of IEC 695-2-2 needle flame test. A B C D .750" TYP. L DCR I Lead Part + 20% Nom. Max. Size Pkg. Number ( µH ) ( mΩ ) ( A ) AWG Code L-12200 2.0 5 16.4 14 1 L-12202 4.0 10 10.3 16 1 L-12203 8.0 12 8.2 17 1 L-12204 18 13 8.2 17 1 L-12205 22 16 6.5 18 1 L-12206 30 21 5.2 19 1 L-12207 40 32 4.0 20 1 L-12401 15 8 13.0 15 2 L-12402 20 11 10.3 16 2 L-12403 30 17 8.2 17 2 L-12406 38 25 6.5 18 2 L-12407 50 28 6.0 18 2 L-12408 70 38 5.2 19 2 L-12411 100 59 4.1 20 2 L-12220 5.0 8 16.0 15 3 L-12221 20 13 12.9 16 3 L-12222 30 19 8.5 17 3 L-12223 50 25 6.8 18 3 L-12224 80 42 5.4 19 3 L-12225 120 53 5.0 19 3 L-12226 180 72 4.3 20 3 L-12227 200 105 4.1 20 3 Pre-Tinned Leads Center hole for mechanical mounting Coils finished with Polyolefin Shrink Tube Test Frequency 1 kHz Applications Power Amplifiers Filters Power Supplies SCR and Triac Controls Speaker Crossover Networks RFI Suppression |
Numéro de pièce similaire - L-12262 |
|
Description similaire - L-12262 |