Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L-12441 Fiches technique(PDF) 5 Page - Rhombus Industries Inc.

No de pièce L-12441
Description  Power Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12441 Fiches technique(HTML) 5 Page - Rhombus Industries Inc.

  L-12441 Datasheet HTML 1Page - Rhombus Industries Inc. L-12441 Datasheet HTML 2Page - Rhombus Industries Inc. L-12441 Datasheet HTML 3Page - Rhombus Industries Inc. L-12441 Datasheet HTML 4Page - Rhombus Industries Inc. L-12441 Datasheet HTML 5Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
www.rhombus-ind.com
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
A
B
C
D
.750"
TYP.
Power Line
Chokes Drum
Core Style
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH ) ( mΩ )
( A )
AWG
Code
L-12590
200
19
19.2
11
12
L-12591
300
25
17.8
12
12
L-12592
450
44
15.0
14
12
L-12593
700
59
11.7
14
12
L-12595
1000
97
9.4
15
12
L-12597
1700
148
7.6
16
12
L-12598
2000
170
6.8
16
12
L-12599
2600
220
6.0
17
12
L-12601
3800
340
5.0
18
12
L-12603
7900
650
3.4
19
12
L-12605
10000
920
3.0
20
12
L-12606
15000
960
2.9
20
12
L-12630
200
15
28.8
10
13
L-12632
380
30
21.4
12
13
L-12634
750
53
15.6
13
13
L-12636
1000
79
13.2
14
13
L-12637
1600
134
10.5
15
13
L-12639
2500
200
7.8
16
13
L-12641
4000
320
6.5
17
13
L-12643
6500
500
5.2
18
13
L-12645
12000
900
3.8
19
13
L-12648
18000
1400
3.6
20
13
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression
Pkg.
( Dimensions in inches )
Code
A
B
C
D
12
1.770
1.380
0.360
0.270
13
2.200
1.380
0.380
0.290


Numéro de pièce similaire - L-12441

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
L-12453 RHOMBUS-IND-L-12453 Datasheet
19Kb / 1P
   POWER LINE CHOKE
L-12478 RHOMBUS-IND-L-12478 Datasheet
19Kb / 1P
   POWER LINE CHOKE
More results

Description similaire - L-12441

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com