Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7266G-J15-D-T Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce TDA7266G-J15-D-T
Description  77W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266G-J15-D-T Fiches technique(HTML) 6 Page - Unisonic Technologies

  TDA7266G-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7266G-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA7266
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-037,C
APPLICATION SUGGESTION(Cont.)
+18
+Vcc(V)
VIN (mV)
1.8
1.3
0.8
VMUTE
Pin 6
VST-BY
Pin 7
4.1
2.9
2.3
IQ (mA)
VOUT (V)
OFF
ST-BY
MUTE
PLAY
MUTE
ST-BY
OFF
Fig 2 Microprocessor Driving Signals


Numéro de pièce similaire - TDA7266G-J15-D-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7266G-J15-D-T UTC-TDA7266G-J15-D-T Datasheet
257Kb / 8P
   7W DUAL BRIDGE AMPLIFIER
More results

Description similaire - TDA7266G-J15-D-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
   7W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
   7W MONO BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com