Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117-G-XX-TQ3-A-T Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce LD1117-G-XX-TQ3-A-T
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-G-XX-TQ3-A-T Fiches technique(HTML) 4 Page - Unisonic Technologies

  LD1117-G-XX-TQ3-A-T Datasheet HTML 1Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 2Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 3Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 4Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 5Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 6Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 7Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 8Page - Unisonic Technologies LD1117-G-XX-TQ3-A-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R102-006.AG
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
18
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+150
°C
Storage temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
15
V
Operating Junction Temperature
TJ
0 ~ +125
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
165
°C/W
SOT-89
180
°C/W
SOP-8
150
°C/W
TO-252
112
°C/W
TO-220
54
°C/W
TO-263
64
°C/W
Junction to Case
SOT-223
θJC
15
°C/W
SOT-89
50
°C/W
SOP-8
20
°C/W
TO-252
12
°C/W
TO-220
4
°C/W
TO-263
4
°C/W


Numéro de pièce similaire - LD1117-G-XX-TQ3-A-T

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
LD1117-1.2 TECHPUBLIC-LD1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-1.2 TECHPUBLIC-LD1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-1.2 TECHPUBLIC-LD1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-1.2 TECHPUBLIC-LD1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-1.5 TECHPUBLIC-LD1117-1.5 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Description similaire - LD1117-G-XX-TQ3-A-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com