Moteur de recherche de fiches techniques de composants électroniques |
|
AZV358MTR-E1 Fiches technique(PDF) 3 Page - BCD Semiconductor Manufacturing Limited |
|
AZV358MTR-E1 Fiches technique(HTML) 3 Page - BCD Semiconductor Manufacturing Limited |
3 / 15 page DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS AZV358 Data Sheet 3 Mar. 2010 Rev. 1. 3 BCD Semiconductor Manufacturing Limited Parameter Symbol Value Unit Power Supply Voltage VCC 6V Operation Junction Temperature TJ 150 oC Storage Temperature Range TSTG -65 to 150 oC Lead Temperature (Soldering, 10 Seconds) TLEAD 260 oC ESD (Machine Model) 200 V ESD (Human Body Model) 2000 V Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability. Absolute Maximum Ratings (Note 1) Recommended Operating Conditions Parameter Symbol Min Max Unit Supply Voltage VCC 2.7 5.5 V Ambient Operating Temperature Range TA -40 85 oC Ordering Information Package Temperature Range Part Number Marking ID Packing Type Lead Free Green Lead Free Green SOIC-8 -40 to 85oC AZV358M-E1 AZV358M-G1 AZV358M-E1 AZV358M-G1 Tube AZV358MTR-E1 AZV358MTR-G1 AZV358M-E1 AZV358M-G1 Tape & Reel TSSOP-8 -40 to 85oC AZV358G-E1 AZV358G-G1 EG3E GG3E Tube AZV358GTR-E1 AZV358GTR-G1 EG3E GG3E Tape & Reel MSOP-8 -40 to 85oC AZV358MM-E1 AZV358MM-G1 AZV358MM-E1 AZV358MM-G1 Tube AZV358MMTR-E1 AZV358MMTR-G1 AZV358MM-E1 AZV358MM-G1 Tape & Reel Circuit Type Package E1: Lead Free AZV358 Blank: Tube G: TSSOP-8 - M: SOIC-8 MM: MSOP-8 TR: Tape and Reel G1: Green BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green packages. |
Numéro de pièce similaire - AZV358MTR-E1 |
|
Description similaire - AZV358MTR-E1 |