Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6726L-S18-T Fiches technique(PDF) 11 Page - Unisonic Technologies

No de pièce L6726L-S18-T
Description  UNIVERSAL SPEECH CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726L-S18-T Fiches technique(HTML) 11 Page - Unisonic Technologies

Back Button L6726L-S18-T Datasheet HTML 5Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 6Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 7Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 8Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 9Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 10Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 11Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 12Page - Unisonic Technologies L6726L-S18-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R108-015, C
APPLICATION INFORMATION(Cont.)
DESIGN PROCEDURE:
1. Circuit impedance to the line.
2. DC-characteristic
3. Gain regulation.
4. Transmitter gain and frequency response.
5. Receiver gain and frequency response.
6. Side-tone.
7. Components to suppress radio interference, specially the wires up to the handset.
Others:
The circuit can be placed either in the telephone or in the handset.
Cut off the transmitter can be done at F1 without interference of other functions of the circuit.
When using the extended low current and low voltage range (5mA, 2V), two resistors have to be connected from the
microphone inputs to ground as shown in fig. 13.
11
3
RA
CA
11
3
RA
CA
RB
CB
Fig. 7 Examples of network "2"
RA
2
15
R10
R11
+Line
RB
R6
Fig. 8 Examples of network "4"
RA
11
3
11
3
CA
RA
CA
CA
RB
RB
CB
RB
RA
CA
11
3
11
3
RB
CB
RA
CA
RA
RB
11
3
11
3
CA
CA
RA
CB
RB
CB
2
15
RA
RB
R11
CB
RC
R6
CA
+Line
R10
2
RA
R11
15
R10 +Line
RB
RC
R6
CA


Numéro de pièce similaire - L6726L-S18-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
L6726L-S18-T UTC-L6726L-S18-T Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
More results

Description similaire - L6726L-S18-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com