Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1804-X-TM3-T Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce 2SD1804-X-TM3-T
Description  HIGH CURRENT SWITCHING APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-X-TM3-T Fiches technique(HTML) 4 Page - Unisonic Technologies

  2SD1804-X-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2SD1804-X-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R209-006,E
TYPICAL CHARACTERISTICS
7
5
3
2
100
0.1
7
5
3
2
1.0
7
2
3
5
2
3
5
10
7
5
3
2
100
10
1.0
7
5
3
2
100
7
2
3
5
f=1MHz
2
3
5
10
7
5
3
2
10
VCE=5V
7
5
fT -IC
Colletcor Current, IC (A)
COB -VCB
Colletcor to Base Voltage, VCB (V)


Numéro de pièce similaire - 2SD1804-X-TM3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1804-X-TM3-T UTC-2SD1804-X-TM3-T Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
2SD1804-X-TM3-T UTC-2SD1804-X-TM3-T Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results

Description similaire - 2SD1804-X-TM3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com