Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4403-T92-K Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce 2N4403-T92-K
Description  PNP GENERAL PURPOSE AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N4403-T92-K Fiches technique(HTML) 4 Page - Unisonic Technologies

  2N4403-T92-K Datasheet HTML 1Page - Unisonic Technologies 2N4403-T92-K Datasheet HTML 2Page - Unisonic Technologies 2N4403-T92-K Datasheet HTML 3Page - Unisonic Technologies 2N4403-T92-K Datasheet HTML 4Page - Unisonic Technologies 2N4403-T92-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N4403
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R201-053.D
TYPICAL CHARACTERISTICS
Ambient Temperature, TA (℃)
Collector-Cutoff Current
vs. Ambient Temperature
-100
-0.01
75
25
50
100
125
-10
-0.1
-1
VCB=-35V
-0.1
-1
-10
-50
12
4
Reverse Bias Voltage (V)
Input and Output
Capacitance vs. Reverse Bias Voltage
8
16
20
Cib
Cob
0
FOR
IS SU E
JUL 17.2007
文件管 理 中心
UTC
Doc.Control
Center


Numéro de pièce similaire - 2N4403-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2N4403-T92-K UTC-2N4403-T92-K Datasheet
108Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
More results

Description similaire - 2N4403-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com