Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3906L-T92-K Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 2N3906L-T92-K
Description  GENERAL PURPOSE APPLIATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3906L-T92-K Fiches technique(HTML) 2 Page - Unisonic Technologies

  2N3906L-T92-K Datasheet HTML 1Page - Unisonic Technologies 2N3906L-T92-K Datasheet HTML 2Page - Unisonic Technologies 2N3906L-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3906
PNP EPITAXIAL PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-028, C
ABSOLUTE MAXIMUM RATING ( TA=25°С, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Base Current
IB
-50
mA
Collector dissipation
PC
625
mW
Junction Temperature
TJ
125
°С
Operating Temperature
TOPR
-20 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +150
°С
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICEX
VCE=-30V, VEB=-3V
-50
nA
Base Cut-Off Current
IBL
VCE=-30V, VEB=-3V
-50
nA
Collector-Base Breakdown Voltage
VCBO
IC=-10μA, IE=0
-40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-1mA, IB=0 (Note)
-40
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10μA, IC=0
-6
V
DC Current Gain (Note)
hFE1
VCE=-1V, IC=-0.1mA
60
hFE2
VCE=-1V, IC=-1mA
80
hFE3
VCE=-1V, IC=-10mA
100
300
hFE4
VCE=-1V, IC=-50mA
60
hFE5
VCE=-1V, IC=-100mA
30
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)1 IC=-10mA, IB=-1mA
-0.25
V
VCE(SAT)2 IC=-50mA, IB=-5mA
-0.4
Base-Emitter Saturation Voltage
VBE(SAT)1 IC=-10mA, IB=-1mA
-0.65
-0.85
V
VBE(SAT)2 IC=-50mA, IB=-5mA
-0.95
Transition Voltage
fT
VCE=-20V, IC=-10mA, f=100MHz
250
MHz
Output Capacitance
COB
VCB=-5V, IE=0, f=1MHz
4.5
pF
Turn On Time
tON
VCC=-3V, VBE=-0.5V, IC=-10mA, IB1=-1mA
70
ns
Turn Off Time
tOFF
IB1=1B2=-1mA
300
ns
Note: Pulse test: PW<=300μs, Duty Cycle<=2%


Numéro de pièce similaire - 2N3906L-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Daya Electric Group Co....
2N3906 DAYA-2N3906 Datasheet
948Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - 2N3906L-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906_09 Datasheet
140Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904 UTC-MMBT3904_11 Datasheet
155Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3904 UTC-MMBT3904 Datasheet
98Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
2N3906 UTC-2N3906 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com