Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZT71MG Fiches technique(PDF) 3 Page - Arizona Microtek, Inc

No de pièce AZT71MG
Description  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71MG Fiches technique(HTML) 3 Page - Arizona Microtek, Inc

  AZT71MG Datasheet HTML 1Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 2Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 3Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 4Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 5Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 6Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 7Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 8Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
3
Request a Sample
May 2012, Rev 1.2
ENGINEERING NOTES
CAPACITOR STRUCTURE
The AZT71 capacitance value is composed of four parallel capacitors banks, CF is a fixed capacitor value of 6.6pF and
Chi, Cmid & Clo are variable capacitors of differing ranges and resolutions as seen in Table 4. Capacitors composing Chi,
Cmid and Clo are set with a binary control word through an 11-bit shift register described in PROGRAMMING THE AZT71.
The values of each Chi, Cmid and Clo stepping are detailed in the complete Nominal Capacitance Binary Mapping
spreadsheet.
CTotal = CF + Chi + Cmid + Clo
Table 4 - AZT71 Capacitor Structure
Internal
Capacitor
Min Value
(pF)
Max Value
(pF)
Step Size
(pF)
CF
6.6
6.6
n/a
Chi
0
19.2
6.4
Cmid
0
9.8
1.4
Clo
0
1.953
0.063
Total
6.6
37.553
PROGRAMMING THE AZT71
CONTROL WORD
The capacitance in the AZT71 is controlled by an 11-bit shift register with the data input bit definitions shown in Table 5.
The control word data is inputted serially on the rising edge of the CLK signal with bit0 first and bit10 last.
Table 5 - AZT71 Control Word Definition
11-bit Control Word
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Chi
Cmid
Clo
Not Used
MSB
LSB
MSB
---
LSB
MSB
---
---
---
LSB
The control word mapping is a binary word for each of Chi, Cmid and Clo where higher number bits are more significant.
Figure 4 shows the capacitance value mapping for the AZT71. The detailed Nominal Capacitance Binary Mapping can be
located on the AZM website.


Numéro de pièce similaire - AZT71MG

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZT71MG AZM-AZT71MG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
More results

Description similaire - AZT71MG

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com