Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZPB70M Fiches technique(PDF) 1 Page - Arizona Microtek, Inc

No de pièce AZPB70M
Description  Programmer Board Kit for AZT70/71
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZPB70M Fiches technique(HTML) 1 Page - Arizona Microtek, Inc

  AZPB70M Datasheet HTML 1Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 2Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 3Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 4Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 5Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 6Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 7Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 8Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.azmicrotek.com
1630 S Stapley Dr, Suite 127
+1-480-962-5881
Mesa, AZ 85204 USA
Request a Sample
May 2012, Rev 1.2
DESCRIPTION
The AZPB70 programmer board kit is a PC based assembly that enables
prototyping and bench testing of the AZT70 and AZT71 Programmable
Capacitive Tuning ICs. It may also be used in production to simplify
tuning. The AZT70/71 is a digitally programmed capacitor specifically
designed to tune a crystal or SAW based oscillator to a desired center
frequency. The desired capacitance value for production trimming is set
by a serial data stream when placed into a programming mode. They are
designed to be a labor and cost saving devices within the oscillator
production process.
Using EEPROM technology, the capacitance can be re-tuned as needed
during the production process by repeating the programming steps
thereby increasing production yield.
FEATURES
• Programmer board kit for
AZT70 and AZT71 capacitive
tuning ICs
• Reprogrammable through
nonvolatile EEPROM storage
• Software to be used with
Windows XP SP2, Windows
Vista, & Windows 7 operating
systems
INCLUDED HARDWARE
Table 1 – AZPB70 included hardware
Item
Qty
Description
Comments
1
1
AZPB70 Programmer
Board
2
1
Programming Socket
Adapter Board (SON8)
TSOT6 & MLP6 adapter
boards are optionally available
for AZT71
3
1
6 Pin Ribbon Cable
Connects programmer board
to socket adapter board
4
1
10' USB Cable (A-B)
Connects programmer board
to PC
5
1
USB Drive (AZM Logo)
Contains driver program and
PC software
APPLICATIONS
• Fast production tuning of crystal
or SAW oscillators
• Filters requiring capacitive tuning
PACKAGE OPTIONS
• SON8 (1.5mm x 1.0mm)
• TSOT6
o
AZT71 only
• MLP6 (2.0mm x 2.0mm)
o
AZT71 only
AZPB70
Programmer Board Kit for AZT70/71
Part Number (PN)
Package
Notes
AZPB70Q
SON8
AZPB70H
TSOT6
AZT71 only
AZPB70M
MLP6
AZT71 only
www.azmicrotek.com


Numéro de pièce similaire - AZPB70M

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Description similaire - AZPB70M

FabricantNo de pièceFiches techniqueDescription
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Schneider Electric
VW3A93120 SCHNEIDER-VW3A93120 Datasheet
72Kb / 1P
   Metal substitution kit for ATV61/71 - to ATV600/900
Jan 13, 2021
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
   Programmer for PureSilicon Oscillators
05/16/11
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Melexis Microelectronic...
PTC04 MELEXIS-PTC04 Datasheet
630Kb / 15P
   Programmer for Melexis PTC Devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
   KITPFPGMEVME Programmer for PF Series Devices
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com