Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST15-48F-5S Fiches technique(PDF) 4 Page - Arch Electronics Corp.

No de pièce ST15-48F-5S
Description  Encapsulated DC-DCConverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARCH [Arch Electronics Corp.]
Site Internet  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST15-48F-5S Fiches technique(HTML) 4 Page - Arch Electronics Corp.

  ST15-48F-5S Datasheet HTML 1Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 2Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 3Page - Arch Electronics Corp. ST15-48F-5S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VER : D_2
update : 2012.05.10
Encapsulated DC-DC Converter
ST15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
SCREW TERMINAL
ST15-A2
PIN#
Single
Dual
1
CTRL
CTRL
2
-DC IN
-DC IN
3
+DC IN
+DC IN
4.
-DC OUT
-DC OUT
5
NO CONNECT
NO CONNECT
6
NO CONNECT
COMMON
7
NO CONNECT
NO CONNECT
8
+DC OUT
+DC OUT
ST15-A5
PIN#
Single
Dual
1
CTRL
CTRL
2
-DC IN
-DC IN
3
+DC IN
+DC IN
4.
-DC OUT
-DC OUT
5
NO CONNECT
NO CONNECT
6
NO CONNECT
COMMON
7
NO CONNECT
NO CONNECT
8
+DC OUT
+DC OUT


Numéro de pièce similaire - ST15-48F-5S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
ST15-48F-5S ARCH-ST15-48F-5S Datasheet
193Kb / 4P
   Encapsulated DC-DC Converter
ST15-48F-5S ARCH-ST15-48F-5S Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results

Description similaire - ST15-48F-5S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
SR78-1000 ARCH-SR78-1000 Datasheet
158Kb / 2P
   Encapsulated DC-DCConverter
ZC05 ARCH-ZC05 Datasheet
174Kb / 2P
   Encapsulated DC-DCConverter
logo
Microdc power Technolog...
ME-XD-1W5 MICRODC-ME-XD-1W5 Datasheet
533Kb / 2P
   DC/DCConverter 1.5Watt
MF-XD-1W5 MICRODC-MF-XD-1W5 Datasheet
540Kb / 2P
   DC/DCConverter 1.5Watt
A-XT-W25 MICRODC-A-XT-W25 Datasheet
811Kb / 3P
   1/4Watt | DC-DCConverter
WRD-YKD-6W MICRODC-WRD-YKD-6W Datasheet
931Kb / 3P
   6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com