Moteur de recherche de fiches techniques de composants électroniques |
|
ST15-48F-5S Fiches technique(PDF) 2 Page - Arch Electronics Corp. |
|
ST15-48F-5S Fiches technique(HTML) 2 Page - Arch Electronics Corp. |
2 / 4 page VER : D_2 update : 2012.05.10 Encapsulated DC-DC Converter ST15 SERIES 15 Watts http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319 -2- Model No. ( Single Output ) ST15-12-3.3S ST15-24-3.3S ST15-24F-3.3S ST15-48-3.3S ST15-48F-3.3S ST15-12-5S ST15-24-5S ST15-24F-5S ST15-48-5S ST15-48F-5S ST15-12-12S ST15-24-12S ST15-24F-12S ST15-48-12S ST15-48F-12S ST15-12-15S ST15-24-15S ST15-24F-15S ST15-48-15S ST15-48F-15S ST15-12-24S ST15-24-24S ST15-48-24S Max Output Wattage (W) 9.9W 15W 15W 15W 15W Input Input Filter π type Voltage (V.DC.) 3.3 5 12 15 24 Voltage Accuracy ±2% Current (mA) max 3000 3000 1250 1000 625 Line Regulation (LL-HL) (typ.) ±0.5% Load Regulation (10-100%) (typ.) ±1% Minimum Load 3% 3% 1% 1% 0% Ripple <0.2% Vout +40mV max (Vp-p) Noise <0.5% Vout +50mV max (Vp-p) Output Switching Frequency 300KHz Over Power Protection Works over 120% of rating and recovers automatically. Over Voltage Protection Zener diode clamp Protection Short Circuit Protection Current limit, auto-recovery Voltage 1600 VDC. Resistance 10 8 ohms Isolation Capacitance 1000 pF Operating Temperature -25°C…+70°C (with derating) Storage Temperature -55°C…+105°C Case Temperature +100°C max. Temperature Coefficient ±0.02% Per°C Humidity 95% RH Environment MTBF >800,000 h @ 25°C (MIL-HDBK-217F) Dimension (L x W x H) 1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance ±0.5 mm Case Material Six-side shielded Aluminum with Non-Conductive base, Black Anodize Weight 32 g Physical Cooling Method Free-air convection Safety Agency Approvals CE, UL EMC EMI (Conducted & Radiated Emission) (Note3) EN 55022 class A Model No. ( Dual Output ) ST15-24F-5D ST15-48F-5D ST15-24F-12D ST15-48F-12D ST15-24F-15D ST15-48F-15D Max Output Wattage (W) 15W Input Input Filter π type Voltage (V.DC.) ±5 ±12 ±15 Voltage Accuracy ±2% Current (mA) max ±1500 ±625 ±500 Line Regulation (LL-HL) (typ.) ±0.5% Load Regulation (10-100%)(Balance Load) ±1% Minimum Load 3% Ripple <0.2% Vout +40mV max (Vp-p) Noise <0.5% Vout +50mV max (Vp-p) Output Switching Frequency 300KHz Over Power Protection Works over 120% of rating and recovers automatically. Over Voltage Protection Zener diode clamp Protection Short Circuit Protection Current limit, auto-recovery Voltage 1600 VDC. Resistance 10 8 ohms Isolation Capacitance 1000 pF Operating Temperature -25°C…+70°C (with derating) Storage Temperature -55°C…+105°C Case Temperature +100°C max. Temperature Coefficient ±0.02% Per°C Humidity 95% RH Environment MTBF >800,000 h @ 25°C (MIL-HDBK-217F) Dimension (L x W x H) 1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance ±0.5 mm Case Material Six-side shielded Aluminum with Non-Conductive base, Black Anodize Weight 32 g Physical Cooling Method Free-air convection Safety Agency Approvals CE, UL EMC EMI (Conducted & Radiated Emission) (Note3) EN 55022 class A |
Numéro de pièce similaire - ST15-48F-5S |
|
Description similaire - ST15-48F-5S |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |