Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7433P Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM7433P
Description  P-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7433P Fiches technique(HTML) 1 Page - Analog Power

  AM7433P Datasheet HTML 1Page - Analog Power AM7433P Datasheet HTML 2Page - Analog Power AM7433P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM7433P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7433_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
P-Channel 30-V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOIC-8PP saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) m( )
ID (A)
9 @ VGS = -10V
-20
13 @ VGS = -4.5V
-17
PRODUCT SUMMARY
-30
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
o
C
-20
TA=70
o
C
-16
IDM
±50
IS
-2.1
A
TA=25
o
C
5.0
TA=70
o
C
3.2
TJ, Tstg
-55 to 150
o
C
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol
Maximum
Units
t <=10 sec
25
o
C/W
Steady State
65
o
C/W
THERMALRESISTANCERATINGS
Parameter
MaximumJunction-to-Ambient
a
RθJA
S
S
S
G
1
2
3
4
SOIC-8PP
Top View
D
D
D
D
8
7
6
5
S
D
G
P-Channel MOSFET


Numéro de pièce similaire - AM7433P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM7430N ANALOGPOWER-AM7430N Datasheet
367Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7431P ANALOGPOWER-AM7431P Datasheet
193Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AM7432N ANALOGPOWER-AM7432N Datasheet
182Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM7434N ANALOGPOWER-AM7434N Datasheet
372Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7435P ANALOGPOWER-AM7435P Datasheet
377Kb / 5P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM7433P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com