Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7300N Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM7300N
Description  N-Channel 300-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7300N Fiches technique(HTML) 2 Page - Analog Power

  AM7300N Datasheet HTML 1Page - Analog Power AM7300N Datasheet HTML 2Page - Analog Power AM7300N Datasheet HTML 3Page - Analog Power AM7300N Datasheet HTML 4Page - Analog Power AM7300N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM7300N
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
uA
VDS = 240 V, VGS = 0 V
1
VDS = 240 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
10
A
VGS = 10 V, ID = 2.0 A
600
VGS = 5.5 V, ID = 1.6 A
900
Forward Transconductance
gfs
VDS = 15 V, ID = 2.0 A
10
S
Diode Forward Voltage
VSD
IS = 3.1 A, VGS = 0 V
0.77
V
Total Gate Charge
Qg
14.4
Gate-Source Charge
Qgs
3.9
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
td(on)
12.2
Rise Time
tr
9
Turn-Off Delay Time
td(off)
32
Fall Time
tf
20
Input Capacitance
Ciss
1092
Output Capacitance
Coss
90
Reverse Transfer Capacitance
Crss
52
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f =1 MHz
rDS(on)
nC
VDD = 120 V, RL = 60 Ω , ID = 2.0 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 120 V, VGS = 10 V, ID = 2.0 A
Drain-Source On-Resistance
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
ns
© Preliminary
2
Publication Order Number:
DS-AM7300N-1A


Numéro de pièce similaire - AM7300N

FabricantNo de pièceFiches techniqueDescription
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
logo
Analog Power
AM7302N ANALOGPOWER-AM7302N Datasheet
335Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303X ETC1-AM7303X Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Description similaire - AM7300N

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM10N30-600I ANALOGPOWER-AM10N30-600I Datasheet
77Kb / 3P
   N-Channel 300-V (D-S) MOSFET
logo
Vishay Siliconix
TN3012L VISHAY-TN3012L Datasheet
47Kb / 4P
   N-Channel 300-V (D-S) MOSFET
Rev. C, 16-Jul-01
logo
Analog Power
AM90N30-290B ANALOGPOWER-AM90N30-290B Datasheet
332Kb / 5P
   N-Channel 300-V (D-S) MOSFET
logo
Vishay Siliconix
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQD10N30-330H VISHAY-SQD10N30-330H_V01 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97 VISHAY-SQM35N30-97_V01 Datasheet
236Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD10N30-330H VISHAY-SQD10N30-330H_V02 Datasheet
209Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD10N30-330H VISHAY-SQD10N30-330H_15 Datasheet
209Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. C, 12-May-15
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com