Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4536C Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM4536C
Description  P & N-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4536C Fiches technique(HTML) 2 Page - Analog Power

  AM4536C Datasheet HTML 1Page - Analog Power AM4536C Datasheet HTML 2Page - Analog Power AM4536C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM4536C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4536_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch Min
Typ
Max
VGS = VDS, ID = 250 uA
N
1
VGS = VDS, ID = -250 uA
P
-1.0
VGS = -20 V, VDS = 0 V
P
±100
V
GS = 20 V, VDS = 0 V
N
±100
VDS = -24 V, VGS = 0 V
P
-1
V
DS = 24 V, VGS = 0 V
N
1
V
DS = 5 V, VGS = 10 V
N
20
V
DS = -5 V, VGS = -10 V
P
-20
VGS = 10 V, ID = 7.1 A
28
VGS = 4.5 V, ID = 5.8 A
42
VGS = -10 V, ID = -6 A
39
VGS = -4.5 V, ID = -4.9 A
59
V
DS = 15 V, ID = 6.9 A
N
25
V
DS = -15 V, ID = -5.2 A
P
10
N
4.0
P
10
N
1.1
P
2.2
N
1.4
P
1.7
N
8
P
10
N
5
P
2.8
N
23
P
53.6
N
3
P
46
Forward Tranconductance
A
gfs
S
Total Gate Charge
Qg
N-Channel
V
DS=15V, VGS=10V, ID=6.9A
P-Channel
VDS=-15V, VGS=-10V, ID=-5.2A
nC
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
nA
Static
Test Conditions
V
Symbol
Paramete r
Gate-Threshold Voltage
VGS(th)
Limits
On-State Drain Current
A
ID(on)
A
Unit
Gate-Body Leakage
IGSS
uA
IDSS
Zero Gate Voltage Drain Current
m
Drain-Source On-Resistance
A
rDS(on)
N
P
Rise Time
nS
N-Chaneel
V
DD =1 5V, VGS =1 0 V, ID=1 A
,
R
G E N =6
,
P-Channel
VDD=-15V, VGS=-10V, ID=-1A
RGEN=6
Fall-Time
tf
Turn-Off Delay Time
td(on)
tr
td(off)
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd
Dynamic
Turn-On Delay Time


Numéro de pièce similaire - AM4536C

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4530C ANALOGPOWER-AM4530C Datasheet
231Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
   P & N-Channel 32-V (D-S) MOSFET
AM4531C ANALOGPOWER-AM4531C Datasheet
227Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM4536C

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com