Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM40P20-150PCFM Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM40P20-150PCFM
Description  P-Channel 200-V (D-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40P20-150PCFM Fiches technique(HTML) 2 Page - Analog Power

  AM40P20-150PCFM Datasheet HTML 1Page - Analog Power AM40P20-150PCFM Datasheet HTML 2Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM40P20-150PCFM
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM40P20-150PCFM_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -160 V, VGS = 0 V
-1
V
DS = -160 V, VGS = 0 V, TJ = 55
oC
-5
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -10 V
-41
A
VGS = -10 V, ID = -1 A
150
VGS = -4.5 V, ID = -1 A
280
Forward Tranconductance
A
gfs
VDS = -15 V, ID = -1 A
31
S
Diode Forward Voltage
VSD
IS = -1 A, VGS = 0 V
-0.7
V
Total Gate Charge
Qg
25
Gate-Source Charge
Qgs
5.2
Gate-Drain Charge
Qgd
17
Turn-On Delay Time
td(on)
15
Rise Time
tr
44
Turn-Off Delay Time
td(off)
46
Fall-Time
tf
89
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit
Drain-Source On-Resistance
A
rDS(on)
m
Dynamic
b
Static
Zero Gate Voltage Drain Current
IDSS
uA
VDD = -15 V, RL = 15
,
ID = -1 A, VGEN = -10 V,
RG
= 6
nS
VDS = -15 V, VGS = -4.5 V,
ID = -1 A
nC


Numéro de pièce similaire - AM40P20-150PCFM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
   P-Channel 20-V (D-S) MOSFET
AM40P03-20D ANALOGPOWER-AM40P03-20D Datasheet
342Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM40P03-20D-T1-PF VBSEMI-AM40P03-20D-T1-PF Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM40P03-20I ANALOGPOWER-AM40P03-20I Datasheet
356Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM40P03-20I-T1-PF VBSEMI-AM40P03-20I-T1-PF Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM40P20-150PCFM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM90P20-170B ANALOGPOWER-AM90P20-170B Datasheet
361Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com