Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G10899 Fiches technique(PDF) 4 Page - Hamamatsu Corporation

No de pièce G10899
Description  Wide spectral response range (0.5 to 1.7 關m)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10899 Fiches technique(HTML) 4 Page - Hamamatsu Corporation

  G10899 Datasheet HTML 1Page - Hamamatsu Corporation G10899 Datasheet HTML 2Page - Hamamatsu Corporation G10899 Datasheet HTML 3Page - Hamamatsu Corporation G10899 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
InGaAs PIN photodiodes
G10899 series
Cat. No. KIRD1109E02 Jun. 2010 DN
www.hamamatsu.com
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein.
Type numbers of products listed in the specification sheets or supplied as samples may have a suffix “(X)” which means tentative specifications or a suffix “(Z)”
which means developmental specifications. ©2010 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
KIRDA0151EA
G10899-02K/-03K
Window
5.9 ± 0.1
8.1 ± 0.1
9.2 ± 0.2
0.45
lead
Case
5.1 ± 0.3
1.5 Max.
Photosensitive
surface
4


Numéro de pièce similaire - G10899

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
G1089 ETC2-G1089 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1089 ETC2-G1089 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1089 HEYCO-G1089 Datasheet
92Kb / 1P
   Rubber Grommets
More results

Description similaire - G10899

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
API Delevan
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
   Visible to IR spectral irradiance range
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
   Si photodiode Spectral response like human eye
logo
TriQuint Semiconductor
HFET2MI TRIQUINT-HFET2MI Datasheet
313Kb / 6P
   0.5-關m HFET 2MI
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
   Frequency Range: 350.0 MHz to 1.7 GHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com