Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM802121UMG Fiches technique(PDF) 1 Page - Micrel Semiconductor

No de pièce SM802121UMG
Description  ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802121UMG Fiches technique(HTML) 1 Page - Micrel Semiconductor

  SM802121UMG Datasheet HTML 1Page - Micrel Semiconductor SM802121UMG Datasheet HTML 2Page - Micrel Semiconductor SM802121UMG Datasheet HTML 3Page - Micrel Semiconductor SM802121UMG Datasheet HTML 4Page - Micrel Semiconductor SM802121UMG Datasheet HTML 5Page - Micrel Semiconductor SM802121UMG Datasheet HTML 6Page - Micrel Semiconductor SM802121UMG Datasheet HTML 7Page - Micrel Semiconductor SM802121UMG Datasheet HTML 8Page - Micrel Semiconductor SM802121UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM802121
ClockWorks
 10GbE
(156.25MHz), Ultra-Low Jitter, LVPECL
Frequency Synthesizer
ClockWorks is a trademark of Micrel, Inc
RotaryWave is a registered trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2012
M9999-011212-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM802121 is a member of the ClockWorks
 family of
devices from Micrel and provides an extremely low-noise
timing solution for 10GbE Ethernet clock signals. It is
based upon a unique patented RotaryWave
® architecture
that provides very-low phase noise.
The device operates from a 2.5V or 3.3V power supply
and synthesizes an LVPECL output clock at 156.25MHz.
The SM802121 accepts a 25MHz crystal or LVCMOS
reference clock.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
 Generates one LVPECL clock outputs at 156.25MHz
 2.5V or 3.3V operating range
 Typical phase jitter @ 156.25MHz
(1.875MHz to 20MHz): 110fs
 Industrial temperature range
 Green, RoHS-, and PFOS- compliant
 Available in 24-pin 4mm  4mm QFN package
Applications
 10 Gigabit Ethernet
Block Diagram


Numéro de pièce similaire - SM802121UMG

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMG MICREL-SM802123UMG Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMGTR MICREL-SM802123UMGTR Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results

Description similaire - SM802121UMG

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com