Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP212L100-22 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce FP212L100-22
Description  Differential Magnetoresistive Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP212L100-22 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  FP212L100-22 Datasheet HTML 1Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 2Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 3Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 4Page - Siemens Semiconductor Group FP212L100-22 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
FP 212 L 100-22
Output voltage (typical) versus
temperature
V
OUTpp = f(TA), δ = 0.2 mm
V
OUTpp at TA = 25 °C
100%
Total resistance (typical)
versus temperature
R
1-3 = f(TA), δ = ∞
^
=
Output voltage (typical) versus
airgap
V
OUTpp = f(δ), TA = 25 °C
V
OUTpp at δ = 0.2 mm
100%
Max. power dissipation
versus temperature
P
tot = f(TA), δ = ∞
^
=


Numéro de pièce similaire - FP212L100-22

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
FP212 SANYO-FP212 Datasheet
162Kb / 4P
   High-Voltage Driver Applications
logo
Siemens Semiconductor G...
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
More results

Description similaire - FP212L100-22

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Asahi Kasei Microsystem...
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com