Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40422 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40422
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS40422 Datasheet HTML 1Page - Texas Instruments TPS40422 Datasheet HTML 2Page - Texas Instruments TPS40422 Datasheet HTML 3Page - Texas Instruments TPS40422 Datasheet HTML 4Page - Texas Instruments TPS40422 Datasheet HTML 5Page - Texas Instruments TPS40422 Datasheet HTML 6Page - Texas Instruments TPS40422 Datasheet HTML 7Page - Texas Instruments TPS40422 Datasheet HTML 8Page - Texas Instruments TPS40422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
TPS40422
www.ti.com
SLUSAQ4A
– OCTOBER 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
(1) (continued)
TJ = –40ºC to 125ºC, VIN = VDD = 12 V, RT set for 500 kHz, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYNCHRONIZATION
VSYNCH
SYNC high level threshold
2.0
V
VSYNCL
SYNC low level threshold
0.8
V
tSYNC
Minimum SYNC pulse width
100
ns
fSYNC(max)
Maximum SYNC frequency(4)
2000
kHz
fSYNC(min)
Minimum SYNC frequency(4)
200
SYNC frequency range (increase from nominal
–20%
20%
oscillator frequency)
PWM
tOFF(min)
Minimum off time
90
100
ns
tON(min)
Minimum pulse(5)
90
130
ns
HDRV off to LDRV on
15
25
30
tDEAD
Output driver dead time
ns
LDRV off to HDRV on
25
35
45
SOFT START
Soft-start time
Factory default settings
2.4
2.7
3.0
ms
tSS
Accuracy over range(5)
600
µs ≤ tSS ≤ 9 ms
–15%
15%
tON(delay)
Turn-on delay time(6)
Factory default settings
0
ms
tOFF(delay)
Turn-off delay time
Factory default settings
0
ms
REMOTE SENSE AMPLIFIER
(VSNS1– GSNS1) = 0.6 V
–5
5
VDIFFO(err)
Error voltage from DIFFO1 to (VSNS1– GSNS1)
(VSNS1– GSNS1) = 1.2 V
–8
8
mV
(VSNS1– GSNS1) = 3.0 V
–17
17
BW
Closed-loop bandwidth(5)
2
MHz
VDIFFO(max)
Maximum DIFFOx output voltage
VBP6-0.2
V
Sourcing
1
IDIFFO
mA
Sinking
1
DRIVERS
RHS(up)
High-side driver pull-up resistance
(VBOOT–VSW) = 6.5 V, IHS = -40 mA
0.8
1.5
2.5
RHS(dn)
High-side driver pull-down resistance
(VBOOT–VSW) = 6.5 V, IHS = 40 mA
0.5
1.0
1.5
Ω
RLS(up)
Low-side driver pull-up resistance
ILS = -40 mA
0.8
1.5
2.5
RLS(dn)
Low-side driver pull-down resistance
ILS = 40 mA
0.35
0.70
1.40
tHS(rise)
High-side driver rise time (5)
CLOAD = 5 nF
15
tHS(fall)
High-side driver fall time (5)
CLOAD = 5 nF
12
ns
tLS(rise)
Low-side driver rise time (5)
CLOAD = 5 nF
15
tLS(fall)
Low-side driver fall time (5)
CLOAD = 5 nF
10
CURRENT SENSING AMPLIFIER
VCS(rng)
Differential input voltage range
VCSxP-VCSxN
-60
60
mV
VCS(cmr)
Input common-mode range
0
VBP6–0.2
V
VCS(os)
Input offset voltage
VCSxP = VCSxN = 0 V
-3
3
mV
ACS
Current sensing gain
15.00
V/V
VCS(out)
Amplfier output
(VCSxP-VCSxN) = 20 mV
270
300
330
mV
fC0
Closed-loop bandwidth(5)
3
5
MHz
(VCS1P– VCS1N) = (VCS2P–VCS2N) = 20 mV,
-5.00%
5.00%
TJ = 25°C
VCS(chch)
Amplifier output difference between CH1, CH2
(VCS1P– VCS1N) = (VCS2P–VCS2N) = 20 mV,
-6.67%
6.67%
TJ = 85°C
(4)
When using SYNC, the switching frequency is set to one-half the SYNC frequency.
(5)
Specified by design. Not production tested.
(6)
The minimum turn-on delay is 50
µs, when TON_DELAY is set to a factor of zero.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS40422


Numéro de pièce similaire - TPS40422

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHAT TI1-TPS40422RHAT Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RSBR TI1-TPS40422RSBR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Description similaire - TPS40422

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com