Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY60 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce CGY60
Description  GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY60 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  CGY60 Datasheet HTML 1Page - Siemens Semiconductor Group CGY60 Datasheet HTML 2Page - Siemens Semiconductor Group CGY60 Datasheet HTML 3Page - Siemens Semiconductor Group CGY60 Datasheet HTML 4Page - Siemens Semiconductor Group CGY60 Datasheet HTML 5Page - Siemens Semiconductor Group CGY60 Datasheet HTML 6Page - Siemens Semiconductor Group CGY60 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaAs MMIC
CGY 60
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/7
12.01.96
HL EH PD 21
PCB - Layouts for Application Circuits
PCN -, DECT - application board:
C GY60 1800MH z
in
out
15pF
1nF
15pF
Ud
CGY60 1800MHz
in
out
15pF
1nF
15pF
Ud
actual size
( 20 x 20 mm )
GSM - application board:
C GY60 900MH z
in
out
27pF
27pF
1nF
Ud
15nH
CGY60 900MHz
in
out
27pF
27pF
1nF
Ud
actual size
( 20 x 20 mm )
PCB - data: Glass fiber teflon board (double sided) TACONIC TLX-9-0150-CH/CH
εr = 2.45 thickness = 0.4mm


Numéro de pièce similaire - CGY60

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
   GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
More results

Description similaire - CGY60

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY59 SIEMENS-CGY59 Datasheet
48Kb / 8P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com