Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY52 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce CGY52
Description  GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY52 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  CGY52 Datasheet HTML 1Page - Siemens Semiconductor Group CGY52 Datasheet HTML 2Page - Siemens Semiconductor Group CGY52 Datasheet HTML 3Page - Siemens Semiconductor Group CGY52 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs MMIC
CGY 52
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/4
12.02.96
HL EH PD 21
Total Power Dissipation Ptot = f ( TS; TA )
0
0
50
100
150
AS
tot
P
TT
;
[ °C ]
[ W ]
A
T
S
T
0.2
0.4
0.6
0.8
1.0
Terminal identification:
1
n.c.
2
Interstage
3IN
4
n.c.
5
GND (1)
6
GND (2)
7
OUT


Numéro de pièce similaire - CGY52

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY59 SIEMENS-CGY59 Datasheet
48Kb / 8P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
More results

Description similaire - CGY52

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY40 SIEMENS-CGY40 Datasheet
30Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com