Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY180 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce CGY180
Description  GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY180 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  CGY180 Datasheet HTML 1Page - Siemens Semiconductor Group CGY180 Datasheet HTML 2Page - Siemens Semiconductor Group CGY180 Datasheet HTML 3Page - Siemens Semiconductor Group CGY180 Datasheet HTML 4Page - Siemens Semiconductor Group CGY180 Datasheet HTML 5Page - Siemens Semiconductor Group CGY180 Datasheet HTML 6Page - Siemens Semiconductor Group CGY180 Datasheet HTML 7Page - Siemens Semiconductor Group CGY180 Datasheet HTML 8Page - Siemens Semiconductor Group CGY180 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GaAs MMIC
CGY 180
_________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/15
21.02.96
HL EH PD 21
DC - characteristics
Input characteristics - typical measured values of stage 1 and 2 , VD1 or VD2=3V
Output characteristics - typical measured values of stage 1 and 2
0
0,02
0,04
0,06
0,08
0,1
0,12
0,14
0,16
0,18
0,2
0,22
0,24
0,26
-4
-3,8
-3,6
-3,4
-3,2
-3
-2,8
-2,6
-2,4
-2,2
-2
-1,8
-1,6
-1,4
-1,2
-1
-0,8
-0,6
-0,4
-0,2
0
VG[V]
low current
medium current
high current
0
0,02
0,04
0,06
0,08
0,1
0,12
0,14
0,16
0,18
0,2
0,22
0
0,2 0,4 0,6 0,8
1
1,2 1,4 1,6 1,8
2
2,2 2,4 2,6 2,8
3
3,2 3,4 3,6 3,8
4
4,2 4,4 4,6 4,8
5
5,2 5,4 5,6 5,8
6
VD[V]
0V
-0.2V
-0.3V
-0.5V
-0.7V
-0.8V
-1.0V
-1.2V
-1.3V
-1.5V
-1.7V
-1.9V
-2.1V
-2.3V
-2.5V


Numéro de pièce similaire - CGY180

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
   GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
More results

Description similaire - CGY180

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Motorola, Inc
MRFIC1870 MOTOROLA-MRFIC1870 Datasheet
265Kb / 4P
   3.2 V DCS/PCS GaAs Integrated Power Amplifier
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
logo
Siemens Semiconductor G...
CGY196 SIEMENS-CGY196 Datasheet
192Kb / 15P
   GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
   Power GaAs MMIC Amplifier 2-6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com