Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY0819 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce CGY0819
Description  GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY0819 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  CGY0819 Datasheet HTML 1Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 2Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 3Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 4Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 5Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 6Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 7Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 8Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CGY 0819
Siemens Aktiengesellschaft
4
16.09.98
HL HF PE GaAs 1 / Fo
Characteristics
Symbol
min
typ
max
Unit
Receive band noise power density
Cell band ( 869 to 894 MHz )
PCS band ( 1930 to 1990 MHz )
PRX
-137
-145
dBm/Hz
DC supply voltage range
VD
3
3.5
4.0
V
Negative supply voltage range
Vneg
-5.0
-7
V
Standby current @Vcon=0V
Ipwr dwn
500
µA
Quiescent current
IQ
300
mA
Current consumption at VContr
IControl
2mA
Current consumption at VNEG
INEG
2mA
Operating temperature range
υ
-30
+85
°C
Power on sequence:
1. connect negative voltage to PA
2. connect control voltage to PA
3. turn on Vd
4. turn on Pin
To switch off the device please use reverse sequence.
Semiconductor Group
4
1998-11-01


Numéro de pièce similaire - CGY0819

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY0918 SIEMENS-CGY0918 Datasheet
42Kb / 4P
   GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
More results

Description similaire - CGY0819

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY81 SIEMENS-CGY81 Datasheet
247Kb / 12P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones)
CGY191 SIEMENS-CGY191 Datasheet
191Kb / 11P
   GaAs MMIC (Dual mode power amplifier for CDMA /TDMA portable cellular phones)
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
logo
ANADIGICS, Inc
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com