Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1152L-E Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce 2SK1152L-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1152L-E Fiches technique(HTML) 2 Page - Renesas Technology Corp

  2SK1152L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK1151(L), 2SK1151(S), 2SK1152(L), 2SK1152(S)
Preliminary
R07DS0397EJ0300 Rev.3.00
Page 2 of 6
May 16, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
2SK1151
450
Drain to source breakdown
voltage
2SK1152
V(BR)DSS
500
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±30
V
IG = ±100 μA, VDS = 0
Gate to source leak current
IGSS
±10
μA
VGS = ±25 V, VDS = 0
2SK1151
VDS = 360 V, VGS = 0
Zero gate voltage drain
current
2SK1152
IDSS
100
μA
VDS = 400 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.0
3.0
V
ID = 1 mA, VDS = 10 V
2SK1151
3.5
5.5
Static drain to source on
state resistance
2SK1152
RDS(on)
4.0
6.0
Ω
ID = 1 A, VGS = 10 V *
3
Forward transfer admittance
|yfs|
0.6
1.1
S
ID = 1 A, VDS = 20 V *
3
Input capacitance
Ciss
160
pF
Output capacitance
Coss
45
pF
Reverse transfer capacitance
Crss
5
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
5
ns
Rise time
tr
10
ns
Turn-off delay time
td(off)
20
ns
Fall time
tf
10
ns
ID = 1 A, VGS = 10 V,
RL = 30 Ω
Body to drain diode forward voltage
VDF
1.0
V
IF = 1.5 A, VGS = 0
Body to drain diode reverse recovery
time
trr
220
ns
IF = 1.5 A, VGS = 0,
diF/dt = 100 A/μs
Note:
3. Pulse test


Numéro de pièce similaire - 2SK1152L-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK1152L-E RENESAS-2SK1152L-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

Description similaire - 2SK1152L-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com